Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 273 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 273 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 269Page - ATMEL Corporation ATMEGA16 Datasheet HTML 270Page - ATMEL Corporation ATMEGA16 Datasheet HTML 271Page - ATMEL Corporation ATMEGA16 Datasheet HTML 272Page - ATMEL Corporation ATMEGA16 Datasheet HTML 273Page - ATMEL Corporation ATMEGA16 Datasheet HTML 274Page - ATMEL Corporation ATMEGA16 Datasheet HTML 275Page - ATMEL Corporation ATMEGA16 Datasheet HTML 276Page - ATMEL Corporation ATMEGA16 Datasheet HTML 277Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 315 page
background image
273
ATmega16(L)
2466E–AVR–10/02
Figure 138. State Machine Sequence for Changing the Instruction Word
AVR_RESET ($C)
The AVR specific public JTAG instruction for setting the AVR device in the Reset mode
or taking the device out from the Reset Mode. The TAP controller is not reset by this
instruction. The one bit Reset Register is selected as Data Register. Note that the Reset
will be active as long as there is a logic “one” in the Reset Chain. The output from this
chain is not latched.
The active states are:
•
Shift-DR: The Reset Register is shifted by the TCK input.
PROG_ENABLE ($4)
The AVR specific public JTAG instruction for enabling programming via the JTAG port.
The 16-bit Programming Enable register is selected as Data Register. The active states
are the following:
•
Shift-DR: The programming enable signature is shifted into the Data Register.
•
Update-DR: The programming enable signature is compared to the correct value,
and Programming mode is entered if the signature is valid.
Test-Logic-Reset
Run-Test/Idle
Shift-DR
Exit1-DR
Pause-DR
Exit2-DR
Update-DR
Select-IR Scan
Capture-IR
Shift-IR
Exit1-IR
Pause-IR
Exit2-IR
Update-IR
Select-DR Scan
Capture-DR
0
1
0
11
1
00
00
11
1
0
1
1
0
1
0
0
1
0
1
1
0
1
0
0
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com