Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 271 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 271 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 267Page - ATMEL Corporation ATMEGA16 Datasheet HTML 268Page - ATMEL Corporation ATMEGA16 Datasheet HTML 269Page - ATMEL Corporation ATMEGA16 Datasheet HTML 270Page - ATMEL Corporation ATMEGA16 Datasheet HTML 271Page - ATMEL Corporation ATMEGA16 Datasheet HTML 272Page - ATMEL Corporation ATMEGA16 Datasheet HTML 273Page - ATMEL Corporation ATMEGA16 Datasheet HTML 274Page - ATMEL Corporation ATMEGA16 Datasheet HTML 275Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 315 page
background image
271
ATmega16(L)
2466E–AVR–10/02
Note:
a = address high bits
b = address low bits
H = 0 – Low byte, 1 – High Byte
o = data out
i = data in
x = don’t care
Table 115. SPI Serial Programming Instruction Set
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte4
Programming Enable
1010 1100
0101 0011
xxxx xxxx
xxxx xxxx
Enable SPI Serial Programming after
RESET goes low.
Chip Erase
1010 1100
100x xxxx
xxxx xxxx
xxxx xxxx
Chip Erase EEPROM and Flash.
Read Program Memory
0010 H000
000a aaaa
bbbb bbbb
oooo oooo
Read H (high or low) data o from
Program memory at word address a:b.
Load Program Memory Page
0100 H000
00xx xxxx
xxbb bbbb
iiii iiii
Write H (high or low) data i to Program
Memory page at word address b. Data
low byte must be loaded before Data
high byte is applied within the same
address.
Write Program Memory Page
0100 1100
000a aaaa
bb
xx xxxx
xxxx xxxx
Write Program Memory Page at
address a:b.
Read EEPROM Memory
1010 0000
00xx xxxa
bbbb bbbb
oooo oooo
Read data o from EEPROM memory at
address a:b.
Write EEPROM Memory
1100 0000
00xx xxxa
bbbb bbbb
iiii iiii
Write data i to EEPROM memory at
address a:b.
Read Lock Bits
0101 1000
0000 0000
xxxx xxxx
xxoo oooo
Read Lock bits. “0” = programmed, “1”
= unprogrammed. See
Table 102 on
page 254 for details.
Write Lock Bits
1010 1100
111x xxxx
xxxx xxxx
11ii iiii
Write Lock bits. Set bits = “0” to
program Lock bits. See
Table 102 on
page 254 for details.
Read Signature Byte
0011 0000
00xx xxxx
xxxx xxbb
oooo oooo
Read Signature Byte o at address b.
Write Fuse Bits
1010 1100
1010 0000
xxxx xxxx
iiii iiii
Set bits = “0” to program, “1” to
unprogram. See
Table 105 on page
256 for details.
Write Fuse High Bits
1010 1100
1010 1000
xxxx xxxx
iiii iiii
Set bits = “0” to program, “1” to
unprogram. See
Table 104 on page
255 for details.
Read Fuse Bits
0101 0000
0000 0000
xxxx xxxx
oooo oooo
Read Fuse bits. “0” = programmed, “1”
= unprogrammed. See
Table 105 on
page 256 for details.
Read Fuse High Bits
0101 1000
0000 1000
xxxx xxxx
oooo oooo
Read Fuse high bits. “0” = pro-
grammed, “1” = unprogrammed. See
Table 104 on page 255 for details.
Read Calibration Byte
0011 1000
00xx xxxx
0000 0000
oooo oooo
Read Calibration Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com