Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 259 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 259 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 255Page - ATMEL Corporation ATMEGA16 Datasheet HTML 256Page - ATMEL Corporation ATMEGA16 Datasheet HTML 257Page - ATMEL Corporation ATMEGA16 Datasheet HTML 258Page - ATMEL Corporation ATMEGA16 Datasheet HTML 259Page - ATMEL Corporation ATMEGA16 Datasheet HTML 260Page - ATMEL Corporation ATMEGA16 Datasheet HTML 261Page - ATMEL Corporation ATMEGA16 Datasheet HTML 262Page - ATMEL Corporation ATMEGA16 Datasheet HTML 263Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 315 page
background image
259
ATmega16(L)
2466E–AVR–10/02
Parallel Programming
Enter Programming Mode
The following algorithm puts the device in Parallel Programming mode:
1.
Apply 4.5 - 5.5V between V
CC and GND, and wait at least 100 µs.
2.
Set RESET to “0” and toggle XTAL1 at least 6 times
3.
Set the Prog_enable pins listed in Table 107 on page 258 to “0000” and wait at
least 100 ns.
4.
Apply 11.5 - 12.5V to RESET. Any activity on Prog_enable pins within 100 ns
after +12V has been applied to RESET, will cause the device to fail entering Pro-
gramming mode.
Note, if External Crystal or External RC configuration is selected, it may not be possible
to apply qualified XTAL1 pulses. In such cases, the following algorithm should be
followed:
1.
Set Prog_enable pins listed in Table 107 on page 258 to “0000”.
2.
Apply 4.5 - 5.5V between VCC and GND simultanously as 11.5 - 12.5V is applied
to RESET.
3.
Wait 100 µs.
4.
Re-program the fuses to ensure that External Clock is selected as clock source
(CKSEL3:0 = 0b0000) If Lock bits are programmed, a Chip Erase command
must be executed before changing the fuses.
5.
Exit Programming mode by power the device down or by bringing RESET pin to
0b0.
6.
Entering Programming mode with the original algorithm, as described above.
Considerations for Efficient
Programming
The loaded command and address are retained in the device during programming. For
efficient programming, the following should be considered.
•
The command needs only be loaded once when writing or reading multiple memory
locations.
•
Skip writing the data value $FF, that is the contents of the entire EEPROM (unless
the EESAVE fuse is programmed) and Flash after a Chip Erase.
•
Address high byte needs only be loaded before programming or reading a new 256
word window in Flash or 256 byte EEPROM. This consideration also applies to
Signature bytes reading.
Table 111. No. of Words in a Page and no. of Pages in the EEPROM
EEPROM Size
Page Size
PCWORD
No. of Pages
PCPAGE
EEAMSB
512 bytes
4 bytes
EEA[1:0]
128
EEA[8:2]
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com