Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 258 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 258 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 254Page - ATMEL Corporation ATMEGA16 Datasheet HTML 255Page - ATMEL Corporation ATMEGA16 Datasheet HTML 256Page - ATMEL Corporation ATMEGA16 Datasheet HTML 257Page - ATMEL Corporation ATMEGA16 Datasheet HTML 258Page - ATMEL Corporation ATMEGA16 Datasheet HTML 259Page - ATMEL Corporation ATMEGA16 Datasheet HTML 260Page - ATMEL Corporation ATMEGA16 Datasheet HTML 261Page - ATMEL Corporation ATMEGA16 Datasheet HTML 262Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 315 page
background image
258
ATmega16(L)
2466E–AVR–10/02
PAGEL
PD7
I
Program Memory and EEPROM data Page Load
BS2
PA0
I
Byte Select 2 (“0” selects low byte, “1” selects 2’nd
high byte)
DATA
PB7-0
I/O
Bidirectional Data bus (Output when OE is low)
Table 107. Pin Values used to Enter Programming Mode
Pin
Symbol
Value
PAGEL
Prog_enable[3]
0
XA1
Prog_enable[2]
0
XA0
Prog_enable[1]
0
BS1
Prog_enable[0]
0
Table 108. XA1 and XA0 Coding
XA1
XA0
Action when XTAL1 is Pulsed
00
Load Flash or EEPROM Address (High or low address byte determined by
BS1)
0
1
Load Data (High or Low data byte for Flash determined by BS1)
1
0
Load Command
1
1
No Action, Idle
Table 109. Command Byte Bit Coding
Command Byte
Command Executed
1000 0000
Chip Erase
0100 0000
Write Fuse Bits
0010 0000
Write Lock Bits
0001 0000
Write Flash
0001 0001
Write EEPROM
0000 1000
Read Signature Bytes and Calibration byte
0000 0100
Read Fuse and Lock bits
0000 0010
Read Flash
0000 0011
Read EEPROM
Table 110. No. of Words in a Page and no. of Pages in the Flash
Flash Size
Page Size
PCWORD
No. of Pages
PCPAGE
PCMSB
8K words (16K bytes)
64 words
PC[5:0]
128
PC[12:6]
12
Table 106. Pin Name Mapping (Continued)
Signal Name in
Programming Mode
Pin Name
I/O
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com