Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 255 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 255 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 251Page - ATMEL Corporation ATMEGA16 Datasheet HTML 252Page - ATMEL Corporation ATMEGA16 Datasheet HTML 253Page - ATMEL Corporation ATMEGA16 Datasheet HTML 254Page - ATMEL Corporation ATMEGA16 Datasheet HTML 255Page - ATMEL Corporation ATMEGA16 Datasheet HTML 256Page - ATMEL Corporation ATMEGA16 Datasheet HTML 257Page - ATMEL Corporation ATMEGA16 Datasheet HTML 258Page - ATMEL Corporation ATMEGA16 Datasheet HTML 259Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 315 page
background image
255
ATmega16(L)
2466E–AVR–10/02
Notes:
1. Program the fuse bits before programming the Lock bits.
2. “1” means unprogrammed, “0” means programmed
Fuse Bits
The ATmega16 has two fuse bytes. Table 104 and Table 105 describe briefly the func-
tionality of all the fuses and how they are mapped into the fuse bytes. Note that the
fuses are read as logical zero, “0”, if they are programmed.
Notes:
1. The SPIEN Fuse is not accessible in SPI Serial Programming mode.
2. The CKOPT Fuse functionality depends on the setting of the CKSEL bits. See See
“Clock Sources” on page 23. for details.
3. The default value of BOOTSZ1..0 results in maximum Boot Size. See Table 99 on
page 252.
4. Never ship a product with the OCDEN Fuse programmed regardless of the setting of
Lock bits and the JTAGEN Fuse. A programmed OCDEN Fuse enables some parts
of the clock system to be running in all sleep modes. This may increase the power
consumption.
11
1
No restrictions for SPM or LPM accessing the Boot Loader
section.
2
1
0
SPM is not allowed to write to the Boot Loader section.
30
0
SPM is not allowed to write to the Boot Loader section,
and LPM executing from the Application section is not
allowed to read from the Boot Loader section. If interrupt
vectors are placed in the Application section, interrupts
are disabled while executing from the Boot Loader
section.
40
1
LPM executing from the Application section is not allowed
to read from the Boot Loader section. If interrupt vectors
are placed in the Application section, interrupts are
disabled while executing from the Boot Loader section.
Table 103. Lock Bit Protection Modes (Continued)
Memory Lock Bits
(2)
Protection Type
Table 104. Fuse High Byte
Fuse High
Byte
Bit
No.
Description
Default Value
OCDEN
(4)
7
Enable OCD
1 (unprogrammed, OCD disabled)
JTAGEN
6
Enable JTAG
0 (programmed, JTAG enabled)
SPIEN
(1)
5
Enable SPI Serial Program and
Data Downloading
0 (programmed, SPI prog. enabled)
CKOPT
(2)
4
Oscillator options
1 (unprogrammed)
EESAVE
3
EEPROM memory is preserved
through the Chip Erase
1 (unprogrammed, EEPROM not
preserved)
BOOTSZ1
2
Select Boot Size (see Table 99
for details)
0 (programmed)
(3)
BOOTSZ0
1
Select Boot Size (see Table 99
for details)
0 (programmed)
(3)
BOOTRST
0
Select reset vector
1 (unprogrammed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com