Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 256 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 256 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 252Page - ATMEL Corporation ATMEGA16 Datasheet HTML 253Page - ATMEL Corporation ATMEGA16 Datasheet HTML 254Page - ATMEL Corporation ATMEGA16 Datasheet HTML 255Page - ATMEL Corporation ATMEGA16 Datasheet HTML 256Page - ATMEL Corporation ATMEGA16 Datasheet HTML 257Page - ATMEL Corporation ATMEGA16 Datasheet HTML 258Page - ATMEL Corporation ATMEGA16 Datasheet HTML 259Page - ATMEL Corporation ATMEGA16 Datasheet HTML 260Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 315 page
background image
256
ATmega16(L)
2466E–AVR–10/02
Notes:
1. The default value of SUT1..0 results in maximum start-up time. SeeTable 10 on page
28 for details.
2. The default setting of CKSEL3..0 results in internal RC Oscillator @ 1MHz. See
Table 2 on page 23 for details.
The status of the Fuse bits is not affected by Chip Erase. Note that the Fuse bits are
locked if Lock bit1 (LB1) is programmed. Program the Fuse bits before programming the
Lock bits.
Latching of Fuses
The Fuse values are latched when the device enters programming mode and changes
of the Fuse values will have no effect until the part leaves Programming mode. This
does not apply to the EESAVE Fuse which will take effect once it is programmed. The
fuses are also latched on Power-up in Normal mode.
Signature Bytes
All Atmel microcontrollers have a three-byte signature code which identifies the device.
This code can be read in both serial and parallel mode, also when the device is locked.
The three bytes reside in a separate address space.
For the ATmega16 the signature bytes are:
1.
$000: $1E (indicates manufactured by Atmel)
2.
$001: $94 (indicates 16KB Flash memory)
3.
$002: $03 (indicates ATmega16 device when $001 is $94)
Calibration Byte
The ATmega16 has a byte calibration value for the internal RC Oscillator. This byte
resides in the high byte of address $000 in the signature address space. During reset,
this byte is automatically written into the OSCCAL register to ensure correct frequency
of the calibrated RC Oscillator.
Table 105. Fuse Low Byte
Fuse Low
Byte
Bit
No.
Description
Default Value
BODLEVEL
7
Brown-out Detector trigger level
1 (unprogrammed)
BODEN
6
Brown-out Detector enable
1 (unprogrammed, BOD disabled)
SUT1
5
Select start-up time
1 (unprogrammed)
(1)
SUT0
4
Select start-up time
0 (programmed)
(1)
CKSEL3
3
Select Clock source
0 (programmed)
(2)
CKSEL2
2
Select Clock source
0 (programmed)
(2)
CKSEL1
1
Select Clock source
0 (programmed)
(2)
CKSEL0
0
Select Clock source
1 (unprogrammed)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com