Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11W-N Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # H7CX-R11W-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11W-N Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button H7CX-R11W-N Datasheet HTML 11Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 12Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 13Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 14Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 15Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 16Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 17Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 18Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
H7CX-A
@-N
15
Counter
Operating Procedures
Setting Procedure Guide
Setting for Counter Operation *
Use the following settings.
Setting for Tachometer Operation *
Refer to page page 27.
* At the time of delivery, the H7CX is set to the 1-stage preset counter configuration. (2-stage models are set to the 2-stage preset counter configuration.) Refer to page page 35 for information
on switching models.
I/O Functions for Counter Operation
After making DIP switch settings for basic operations, advanced functions can be added using the operation keys.
For details, refer to page page 16.
Key-protect switch
Disabled
Enabled
OFF
ON
OFF
ON
OFF
OFF
ON
ON
N
F
C
K-1
UP
DOWN
Refer to the table on the right.
30 Hz
5 kHz
20 ms
1 ms
DIP switch settings
Counting speed
Input mode
Output mode
Minimum reset signal
Input selection
Output time
0.5 s
0.05 s
NPN
PNP
Note: All pins are factory-set to OFF.
• When setting functions using the DIP switch, be sure to set pin 1 of the DIP switch to ON.
• DIP switch settings are effective when the power is turned ON again. (Perform DIP switch settings while the power is OFF.)
Step1
Step3
Set the basic parameters.
(If the desired I/O mode is not listed below or to set all parameters using the front panel keys, perform
,
below.)
Note:
can be performed first, followed by
.
Note: The configuration that can be selected depends on the model.
* The default mode is 1-stage preset counter configuration (2-stage preset counter configuration for 2-stage models).
Item
OFF
ON
Output mode
Pin 5
Pin 4
1
2
3
4
5
6
7
8
Step2
Step2
Step1
Hold down for 1 s min.
Select the function from Table 1 using the
U (D) Key.
Run mode
Power ON
1
+
Hold down for 1 s min.
1
+
twn
The H7CX-A
@-N is a Counter that contains more than one functional counter.
When using the Counter in any mode other than the default mode*, use the following chart to enter
Configuration Selection Mode and set the functions that are suitable to the application.
(1-stage
preset
counter)
(2-stage
preset
counter)
(Total and
preset counter)
(Batch
counter)
(Dual
counter)
(Twin
counter)
(Tachometer)
Configuration
selection mode
Be sure to set pin 1 to ON.
OFF
ON
12345678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com