Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11W-N Datasheet(PDF) 50 Page - Omron Electronics LLC

Part # H7CX-R11W-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11W-N Datasheet(HTML) 50 Page - Omron Electronics LLC

Back Button H7CX-R11W-N Datasheet HTML 46Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 47Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 48Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 49Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 50Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 51Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 52Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 53Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 54Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
50
H7CX-R
@-N
Precautions for the H7CX-R
In upper and lower limit output mode, if the comparison value setting is such that comparison value 1
≥ comparison value 2, the output will always
be ON.
Hold Function
The measurement value (display value) and output are sustained while the hold input is ON.
Note: The output will maintain the current status when the hold key is pressed.
Example:
* The H7CX-R11W
@-N does not have a hold input.
Operation in DIP Switch Monitor Mode
The H7CX-R is also equipped with a DIP switch monitor function, a convenient function that enables the settings of the DIP switch pins to be
confirmed using the front display.
Output mode
setting
Operation
Lower limit
OUT
Display value
Hold input* (Hold Key)
Comparison value (lower limit)
Sustained display value
Sustained output
Actual input
Con
venient
: Measurement stopped
: Measurement possible
1
1
+
Key
Key
1 s min.
Power ON
DIP switch monitor
Run Mode
DIP Switch
Monitor
Mode
*
…Indicates that DIP switch pin 8 is ON.
…Indicates that DIP switch pin 7 is OFF.
…Indicates that DIP switch pin 6 is ON.
…Indicates that DIP switch pin 5 is OFF.
…Indicates that DIP switch pin 4 is ON.
…Indicates that DIP switch pin 3 is OFF.
…Indicates that DIP switch pin 2 is ON.
…Indicates that DIP switch pin 1 is OFF.
Example
OFF
ON
12345678
The status of the DIP switch pins (1 to 8) can be confirmed using the
U Key.
* When the mode is changed to DIP switch monitor, the measurement value is reset, outputs turns OFF, and
measuring stops.
Note: To change the mode to DIP switch monitor mode, press the
Key
for 1 s min. with the
Key held down. The mode will not change
if the
Key is pressed first.
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com