Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11W-N Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # H7CX-R11W-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11W-N Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button H7CX-R11W-N Datasheet HTML 20Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 21Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 22Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 23Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 24Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 25Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 26Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 27Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
24
H7CX-A
@-N
Counter
Note: 1. Counting cannot be performed during reset/reset 1 input.
2. If reset/reset 1 is input while one-shot output is ON, one-shot output turns OFF.
3. If there is power failure while output is ON, output will turn ON again when the power supply has recovered.
For one-shot output, output will turn ON again for the duration of the output time setting once the power supply has recovered.
4. Do not use the counter function in applications where the count may be completed (again) while one-shot output is ON.
5. The set value is from
−99999 to 999999.
One-shot
output
Self-holding
output
Instantaneous
(equals) output
(The one-shot output time can be
set in the range 0.01 to 99.99s.)
Input mode
Operation after count completion
UP/DOWN A, B, C
Output
mode
setting
K-2
The display continues to increase/
decrease until the overflow or
underflow value is reached.
One-shot output only.
D
The display continues to increase/
decrease until the overflow or
underflow value is reached.
The outputs are ON while the count is
equal.
L
The display continues to increase/
decrease until the overflow or
underflow value is reached.
OUT1 is held while the present value
is less than or equal to set value 1.
OUT2 is held while the present value
is greater than or equal to set value 2.
H
The display continues to increase/
decrease until the overflow or
underflow value is reached.
OUT1 is held while the present value
is greater than or equal to set value 1.
OUT2 is held while the present value
is greater than or equal to set value 2.
* H mode is available only when using a 6-
digit model as a 2-stage counter.
0
−99999
Reset/
reset 1
OUT1
OUT2
999999
Set value 2
Set value 1
0
−99999
Reset/
reset 1
OUT1
OUT2
999999
Set value 2
Set value 1
0
−99999
Reset/
reset 1
OUT1
OUT2
999999
Set value 2
Set value 1
0
−99999
Reset/
reset 1
OUT1
OUT2
999999
Set value 2
Set value 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com