Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11W-N Datasheet(PDF) 41 Page - Omron Electronics LLC

Part # H7CX-R11W-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11W-N Datasheet(HTML) 41 Page - Omron Electronics LLC

Back Button H7CX-R11W-N Datasheet HTML 37Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 38Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 39Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 40Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 41Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 42Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 43Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 44Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 45Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
H7CX-R
@-N
41
Nomenclature
Dimensions
(Unit: mm)
Tachometers
(Factory setting)
ON
(Enable)
(Factory setting) OFF
(Disable)
10 mm
6 mm
6
4
5
7
8
9
10
11
2
3
1
1. Hold Indicator (orange)
2. Key Protect Indicator (orange)
3. Control Output Indicator (orange)
4. Comparison Value 1, 2 Stage Indicator
(1-output models)
(2-output models)
Lit when the key protect switch is ON.
(Lit when the hold input or hold key is ON. )
7. Mode Key
(Used to switch mode and setting items.)
11. DIP Switch
1
6
5. Present Value (Main Display)
8. Hold Key
9. Up Keys
to
Character height: 10 mm (red)
(Used to sustain the measurement value and output.)
6. Comparison Value (Sub-display)
Character height: 6 mm (green)
10. Key-protect Switch
1st digit
6th digit
Display Section
Operation Keys
Switches
Character Size
for Sub-display
Character Size
for Main Display
OFF
ON
12345678
OUT
OUT
1
2
63.7
14.4
6
44.8
× 44.8
48
× 48
Dimensions without Flush Mounting Adapter
H7CX-R
@-N
Note:
1.
The mounting panel thickness should be 1 to 5 mm.
2.
To allow easier operation, it is recommended that
Adapters be mounted so that the gap between
sides with hooks is at least 15 mm (i.e., with the
panel cutouts separated by at least 60 mm).
3.
It is possible to mount counters side by side, but
only in the direction without the hooks. If Counters/
Tachometers are mounted side by side, however,
water resistance will be lost.
60 min.
60 min.
15 min.
45
+0.6
−0
45
+0.6
−0
n side by side mounting
A
With Y92A-48F1 attached.
With Y92A-48 attached.
A=(48n
−2.5)
+1
−0
A=(51n
−5.5) +1
−0
A={48n
−2.5+(n−1)×4} +1
−0
Panel Cutouts
Panel cutouts are as shown below
(according to DIN43700).
58
48
89.9
7.5
Panel
(51)
Y92S-29 (order separately)
Waterproof Packing
Y92F-30 (order separately)
Flush Mounting Adapter
P3GA-11
(order
separately)
Rear Surface
Connection
Socket
Dimensions with Flush Mounting Adapter (Adapter and
Waterproof Packing Ordered Separately)
H7CX-R
@-N
H7CX-R
@-N
P2CF-11(-E) (order separately)
Front Connecting Socket
100.9
103.2*
Dimensions with Front Connecting Socket
H7CX-R
@-N
* These dimensions vary with the kind of DIN track (reference value).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com