Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11W-N Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # H7CX-R11W-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11W-N Datasheet(HTML) 3 Page - Omron Electronics LLC

  H7CX-R11W-N Datasheet HTML 1Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 2Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 3Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 4Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 5Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 6Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 7Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 8Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
H7CX-
@-N
3
Model Number Legend (Not all possible combinations of functions are available.)
H7CX-
@@@@@@-N
12 3 4 5 6
Ordering Information
List of Models
Note: 1. The functions that are provided depend on the model. Check detailed specifications before ordering.
2. Refer to page page 37 and later for information on H7CX-R Tachometers.
Type
Classification
Configuration
External
connections
Settings
Display
digits
Outputs
Power supply
voltage
Model
H7CX-A
Series
Preset counter
• 1-stage preset
counter
• Total and preset
counter
11-pin socket
1-stage
4 digits
Contact output (SPDT)
100 to 240 VAC
H7CX-A114-N
Transistor output (SPST)
H7CX-A114S-N
Contact output (SPDT)
12 to 24 VDC/24 VAC H7CX-A114D1-N
6 digits
Contact output (SPDT)
100 to 240 VAC
H7CX-A11-N
Transistor output (SPST)
H7CX-A11S-N
Contact output (SPDT)
12 to 24 VDC/24 VAC
H7CX-A11D1-N
Transistor output (SPST)
H7CX-A11SD1-N
Screw
terminals
4 digits
Contact output (SPDT)
100 to 240 VAC
H7CX-A4-N
Transistor output (SPST)
H7CX-A4S-N
Contact output (SPDT)
12 to 24 VDC
H7CX-A4D-N
Transistor output (SPST)
H7CX-A4SD-N
6 digits
Contact output (SPDT)
100 to 240 VAC
H7CX-A-N
Transistor output (SPST)
H7CX-AS-N
Contact output (SPDT)
12 to 24 VDC
H7CX-AD-N
Transistor output (SPST)
H7CX-ASD-N
• 1-stage preset
counter
• 2-stage preset
counter
• Total and preset
counter
• Batch counter
• Dual counter
• Twin counter
2-stage
4 digits
Contact output (SPST + SPDT) 100 to 240 VAC
H7CX-A4W-N
Transistor output (DPST)
12 to 24 VDC
H7CX-A4WSD-N
Preset counter/
Tachometer
• 1-stage preset
counter
• 2-stage preset
counter
• Total and preset
counter
• Batch counter
• Dual counter
• Twin counter
• Tachometer
6 digits
Contact output (SPST + SPDT)
100 to 240 VAC
H7CX-AW-N
Transistor output (DPST)
H7CX-AWS-N
Contact output (SPST + SPDT)
12 to 24 VDC/24 VAC
H7CX-AWD1-N
Transistor output (DPST)
H7CX-AWSD1-N
12 to 24 VDC
H7CX-AWSD-N
Contact output (SPDT) +
Transistor output (SPST)
100 to 240 VAC
H7CX-AU-N
Contact output (SPDT) +
Transistor output (SPST)
12 to 24 VDC/24 VAC
H7CX-AUD1-N
Transistor output (DPST)
H7CX-AUSD1-N
H7CX-R
Series
Tachometer
• Tachometer
11-pin socket
1-stage
(1 input and
output)
6 digits
Contact output (SPDT)
100 to 240 VAC
H7CX-R11-N
12 to 24 VDC/24 VAC H7CX-R11D1-N
1-stage
(2 inputs and
outputs)
Contact output (SPDT + SPST)
100 to 240 VAC
H7CX-R11W-N
12 to 24 VDC/24 VAC H7CX-R11WD1-N
4. Settings
* The H7CX-R11W
@ is a 1-stage (2 inputs and outputs)
rather than a 2-stage Counter.
5. Output type
6. Supply voltage
Symbol
Meaning
None
1-stage setting
U
Factory-set to 1-stage setting
W
Factory-set to 2-stage setting*
Symbol
Meaning
None
Contact output or contact output +
transistor output
S
Transistor output
Symbol
Meaning
None
100 to 240 VAC at 50/60 Hz
D
12 to 24 VDC
D1
12 to 24 VDC/24 VAC at 50/60 Hz
1. Type
2. External connections
3. Digits
Symbol
Meaning
A
Standard type
R
Tachometer
Symbol
Meaning
None
Screw terminals
11
11-pin socket
Symbol
Meaning
None
6 digits
4
4 digits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com