Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11W-N Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # H7CX-R11W-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11W-N Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button H7CX-R11W-N Datasheet HTML 17Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 18Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 19Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 20Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 21Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 22Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 23Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 24Page - Omron Electronics LLC H7CX-R11W-N Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
H7CX-A
@-N
21
Counter
Input Modes and Present Value (See note 1.)
I/O Functions for Counter Operation
UP (Increment) Mode
DOWN (Decrement) Mode
CP1: Count input; CP2: Prohibit (gate) input
must be greater than the minimum signal width. (See note 2.)
CP1: Count input; CP2: Prohibit (gate) input
must be greater than the minimum signal width. (See note 2.)
CP1: Prohibit (gate) input; CP2: Count input
must be greater than the minimum signal width. (See note 2.)
CP1: Prohibit (gate) input; CP2: Count input
must be greater than the minimum signal width. (See note 2.)
* Counting starts when the CP1 is turned ON after turning ON the power.
UP/DOWN A Command Input Mode
UP/DOWN B Individual Input Mode
must be greater than the minimum signal width. (See note 2.)
UP/DOWN C Quadrature Input Mode
Note: 1. If the configuration selection is set to dual counter, CP1 and
CP2 input will operate in the same way as the count input
(CP1) of UP (increment) mode.
2.
must be greater than the minimum signal width and
must be at least 1/2 the minimum signal width.
If they are less, a count error of
±1 may occur.
Minimum signal width: 16.7 ms (when maximum counting speed = 30 Hz)
100
µs (when maximum counting speed = 5 kHz)
3. The meaning of the H and L symbols in the tables is explained
below.
must be at least 1/2 the minimum signal width. (See note 2.)
0
CP1
H
L
CP2
Present value
H
L
0
1
2
4
3
5
Prohibit
A
A
A
n
CP1
H
L
CP2
Present value
H
L
0
n
−1
n
−2
n
−4
n
−3
n
−5
A
A
Prohibit
A
0
*CP1
H
L
CP2
Present value
H
L
0
1
2
4
3
5
A
A
Prohibit
A
n
*CP1
H
L
CP2
Present value
H
L
0
n
−1
n
−2
n
−4
n
−3
n
−5
A
A
Prohibit
A
0
CP1
H
L
CP2
Present value
H
L
0
1
2
2
2
1
3
3
A
A
A
0
CP1
H
L
CP2
Present value
H
L
0
1
2
2
2
11
3
3
A
B
Symbol
Input method
No-voltage input
(NPN input)
Voltage input (PNP
input)
H
Short-circuit
4.5 to 30 VDC
L
Open
0 to 2 VDC
0
CP1
H
L
CP2
Present value
H
L
0
1
2
2
2
1
3
3
B B B B
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com