Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DE Datasheet(PDF) 29 Page - STMicroelectronics

Part # LIS3DE
Description  ultra-low-power high-performance 3-axis "nano" accelerometer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DE Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LIS3DE Datasheet HTML 25Page - STMicroelectronics LIS3DE Datasheet HTML 26Page - STMicroelectronics LIS3DE Datasheet HTML 27Page - STMicroelectronics LIS3DE Datasheet HTML 28Page - STMicroelectronics LIS3DE Datasheet HTML 29Page - STMicroelectronics LIS3DE Datasheet HTML 30Page - STMicroelectronics LIS3DE Datasheet HTML 31Page - STMicroelectronics LIS3DE Datasheet HTML 32Page - STMicroelectronics LIS3DE Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
DocID023719 Rev 3
29/46
LIS3DE
Register description
46
8
Register description
8.1
STATUS_REG_AUX (07h)
8.2
OUT_ADC1_L (08h), OUT_ADC1_H (09h)
Acceleration data - auxiliary ADC1 data. The value is expressed in two’s complement.
8.3
OUT_ADC2_L (0Ah), OUT_ADC2_H (0Bh)
Acceleration data - auxiliary ADC2 data. The value is expressed in two’s complement.
8.4
OUT_ADC3_L (0Ch), OUT_ADC3_H (0Dh)
Acceleration or temperature sensor data - auxiliary ADC3 data. The value is expressed in
2’s complement.
Table 18. STATUS_REG_AUX register
321OR
3OR
2OR
1OR
321DA
3DA
2DA
1DA
Table 19. STATUS_REG_AUX register description
321OR
1, 2 and 3-channel data overrun. Default value: 0
(0: no overrun has occurred; 1: a new set of data has overwritten the previous set)
3OR
3rd channel data overrun. Default value: 0
(0: no overrun has occurred;
1: new data for the 3rd ADC channel has overwritten the previous data)
2OR
2nd channel data overrun. Default value: 0
(0: no overrun has occurred;
1: new data for the 2nd ADC channel has overwritten the previous data)
1OR
1st channel data overrun. Default value: 0
(0: no overrun has occurred;
1: new data for the 1st ADC channel has overwritten the previous data)
321DA
1st, 2nd and 3rd channel new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
3DA
3rd channel new data available. Default value: 0
(0: new data for the 3rd ADC channel is not yet available;
1: new data for the 3rd ADC channel is available)
2DA
2nd channel new data available. Default value: 0
(0: new data for the 2nd ADC channel is not yet available;
1: new data for the 2nd ADC channel is available)
1DA
1st channel new data available. Default value: 0
(0: new data for the 1st ADC channel is not yet available;
1: new data for the 1st ADC channel is available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com