Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DE Datasheet(PDF) 31 Page - STMicroelectronics

Part # LIS3DE
Description  ultra-low-power high-performance 3-axis "nano" accelerometer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DE Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LIS3DE Datasheet HTML 27Page - STMicroelectronics LIS3DE Datasheet HTML 28Page - STMicroelectronics LIS3DE Datasheet HTML 29Page - STMicroelectronics LIS3DE Datasheet HTML 30Page - STMicroelectronics LIS3DE Datasheet HTML 31Page - STMicroelectronics LIS3DE Datasheet HTML 32Page - STMicroelectronics LIS3DE Datasheet HTML 33Page - STMicroelectronics LIS3DE Datasheet HTML 34Page - STMicroelectronics LIS3DE Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
DocID023719 Rev 3
31/46
LIS3DE
Register description
46
ODR [3:0] is used to set power mode and ODR selection. The following table provides all
frequencies resulting from a combination of ODR [3:0].
8.9
CTRL_REG2 (21h)
Table 26. Data rate configuration
ODR3
ODR2
ODR1
ODR0
Power mode selection
0000
Power-down mode
0001
Normal / Low-power mode (1 Hz)
0010
Normal / Low-power mode (10 Hz)
0011
Normal / Low-power mode (25 Hz)
0100
Normal / Low-power mode (50 Hz)
0101
Normal / Low-power mode (100 Hz)
0110
Normal / Low-power mode (200 Hz)
0111
Normal / Low-power mode (400 Hz)
1000
Low-power mode (1.6 KHz)
1001
Normal (1.344 kHz) / Low-power mode (5.376 kHz)
Table 27. CTRL_REG2 register
HPM1
HPM0
HPCF2
HPCF1
FDS
HPCLICK
HPIS2
HPIS1
Table 28. CTRL_REG2 register description
HPM [1:0]
High-pass filter mode selection. Default value: 00
Refer to Table 29
HPCF [2:1]
High-pass filter cutoff frequency selection
FDS
Filtered data selection. Default value: 0
(0: internal filter bypassed; data from internal filter sent to output register and FIFO)
HPCLICK
High-pass filter enabled for CLICK function.
(0: filter bypassed; 1: filter enabled)
HPIS2
High-pass filter enabled for IG2
(0: filter bypassed; 1: filter enabled)
HPIS1
High-pass filter enabled for IG1
(0: filter bypassed; 1: filter enabled)
Table 29. High-pass filter mode configuration
HPM1
HPM0
High pass filter mode
0
0
Normal mode (reset by reading the
register)
0
1
Reference signal for filtering
1
0
Normal mode
1
1
Auto-reset on interrupt event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com