Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DE Datasheet(PDF) 35 Page - STMicroelectronics

Part # LIS3DE
Description  ultra-low-power high-performance 3-axis "nano" accelerometer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DE Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LIS3DE Datasheet HTML 31Page - STMicroelectronics LIS3DE Datasheet HTML 32Page - STMicroelectronics LIS3DE Datasheet HTML 33Page - STMicroelectronics LIS3DE Datasheet HTML 34Page - STMicroelectronics LIS3DE Datasheet HTML 35Page - STMicroelectronics LIS3DE Datasheet HTML 36Page - STMicroelectronics LIS3DE Datasheet HTML 37Page - STMicroelectronics LIS3DE Datasheet HTML 38Page - STMicroelectronics LIS3DE Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
DocID023719 Rev 3
35/46
LIS3DE
Register description
46
8.17
OUT_Y (2Bh)
Y-axis acceleration data. The value is expressed in two’s complement with 8-bit data
representation left-justified.
8.18
OUT_Z (2Dh)
Z-axis acceleration data. The value is expressed in two’s complement with 8-bit data
representation left-justified.
8.19
FIFO_CTRL_REG (2Eh)
8.20
FIFO_SRC_REG (2Fh)
Table 43. FIFO_CTRL_REG register
FM1
FM0
TR
FTH4
FTH3
FTH2
FTH1
FTH0
Table 44. FIFO_CTRL_REG register description
FM [1:0]
FIFO mode selection. Default value: 00 (see
Table 45)
TR
Trigger selection. Default value: 0
0: trigger event linked to trigger signal on INT1
1: trigger event linked to trigger signal on INT2
FTH [4:0]
Default value: 0
Table 45. FIFO mode configuration
FM1
FM0
Self-test mode
0
0
Bypass mode
0
1
FIFO mode
1
0
Stream mode
1
1
Stream-to-FIFO mode
Table 46. FIFO_SRC_REG register
WTM
OVRN_FIFO
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
Table 47. FIFO_SRC_REG register description
WTM
WTM bit is set high when FIFO content exceeds watermark level
OVRN_FIFO
OVRN bit is set high when FIFO buffer is full; this means that the FIFO buffer
contains 32 unread samples. At the following ODR a new sample set replaces the
oldest FIFO value. The OVRN bit is set to 0 when the first sample set has been read
EMPTY
EMPTY flag is set high when all FIFO samples have been read and FIFO is empty
FSS [4:0]
FSS [4:0] field always contains the current number of unread samples stored in the
FIFO buffer. When FIFO is enabled, this value increases at ODR frequency until the
buffer is full, whereas, it decreases every time one sample set is retrieved from FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com