Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DE Datasheet(PDF) 39 Page - STMicroelectronics

Part # LIS3DE
Description  ultra-low-power high-performance 3-axis "nano" accelerometer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DE Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LIS3DE Datasheet HTML 35Page - STMicroelectronics LIS3DE Datasheet HTML 36Page - STMicroelectronics LIS3DE Datasheet HTML 37Page - STMicroelectronics LIS3DE Datasheet HTML 38Page - STMicroelectronics LIS3DE Datasheet HTML 39Page - STMicroelectronics LIS3DE Datasheet HTML 40Page - STMicroelectronics LIS3DE Datasheet HTML 41Page - STMicroelectronics LIS3DE Datasheet HTML 42Page - STMicroelectronics LIS3DE Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
DocID023719 Rev 3
39/46
LIS3DE
Register description
46
8.26
IG2_SOURCE (35h)
Interrupt 2 source register. Read-only register.
Reading at this address clears the IG2_SOURCE IA bit (and the interrupt signal on the INT2
pin) and allows data in the IG2_SOURCE register to be refreshed if the latched option was
chosen.
8.27
IG2_THS (36h)
8.28
IG2_DURATION (37h)
The D [6:0] bits set the minimum duration of the Interrupt 2 event to be recognized. Duration
time steps and maximum values depend on the ODR chosen.
Table 60. IG2_SOURCE register
0
IA
ZH
ZL
YHYL
XHXL
Table 61. IG2_SOURCE register description
IA
Interrupt active. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupts have been generated)
ZH
Z high. Default value: 0
(0: no interrupt, 1: Z high event has occurred)
ZL
Z low. Default value: 0
(0: no interrupt; 1: Z low event has occurred)
YH
Y high. Default value: 0
(0: no interrupt, 1: Y high event has occurred)
YL
Y low. Default value: 0
(0: no interrupt, 1: Y low event has occurred)
XH
X high. Default value: 0
(0: no interrupt, 1: X high event has occurred)
XL
X low. Default value: 0
(0: no interrupt, 1: X low event has occurred)
Table 62. IG2_THS register
0
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 63. IG2_THS register description
THS[6:0]
Interrupt 1 threshold. Default value: 000 0000
Table 64. IG2_DURATION register
0
D6D5D4D3D2D1D0
Table 65. IG2_DURATION register description
D [6:0]
Duration value. Default value: 000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com