Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DE Datasheet(PDF) 32 Page - STMicroelectronics

Part # LIS3DE
Description  ultra-low-power high-performance 3-axis "nano" accelerometer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DE Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LIS3DE Datasheet HTML 28Page - STMicroelectronics LIS3DE Datasheet HTML 29Page - STMicroelectronics LIS3DE Datasheet HTML 30Page - STMicroelectronics LIS3DE Datasheet HTML 31Page - STMicroelectronics LIS3DE Datasheet HTML 32Page - STMicroelectronics LIS3DE Datasheet HTML 33Page - STMicroelectronics LIS3DE Datasheet HTML 34Page - STMicroelectronics LIS3DE Datasheet HTML 35Page - STMicroelectronics LIS3DE Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Register description
LIS3DE
32/46
DocID023719 Rev 3
8.10
CTRL_REG3 (22h)
8.11
CTRL_REG4 (23h)
Table 30. CTRL_REG3 register
INT1_
CLICK
INT1_IG1
INT1_IG2
INT1_
DRDY1
INT1_
DRDY2
INT1_
WTM
INT1_
OVERRUN
--
Table 31. CTRL_REG3 register description
INT1_CLICK
Click interrupt on INT1. Default value 0
(0: disable; 1: enable)
INT1_IG1
IG1 interrupt generator 1 on INT1. Default value 0
(0: disable; 1: enable)
INT1_IG2
IG2 interrupt generator 2 on INT1. Default value 0
(0: disable; 1: enable)
INT1_DRDY1
DRDY1 interrupt on INT1. Default value 0
(0: disable; 1: enable)
INT1_DRDY2
DRDY2 interrupt on INT1. Default value 0
(0: disable; 1: enable)
INT1_WTM
FIFO watermark interrupt on INT1. Default value 0
(0: disable; 1: enable)
INT1_OVERRUN
FIFO overrun interrupt on INT1. Default value 0
(0: disable; 1: enable)
Table 32. CTRL_REG4 register
BDU
-
FS1
FS0
-
ST1
ST0
SIM
Table 33. CTRL_REG4 register description
BDU
Block data update. Default value: 0
(0: continuous update. For linear acceleration data output this bit must be set to 0;
1: this bit must be set to 1 for temperature sensor reading only)
FS [1:0]
Full scale selection. Default value: 00
(00: ±2g; 01: ±4g; 10: ±8g; 11: ±16g)
ST [1:0]
Self-test enable. Default value: 00
(00: self-test disabled; Other: See Table 34)
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
Table 34. Self-test mode configuration
ST1
ST0
Self-test mode
0
0
Normal mode
0
1
Self-test 0
1
0
Self-test 1
11--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com