Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DE Datasheet(PDF) 41 Page - STMicroelectronics

Part # LIS3DE
Description  ultra-low-power high-performance 3-axis "nano" accelerometer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DE Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LIS3DE Datasheet HTML 37Page - STMicroelectronics LIS3DE Datasheet HTML 38Page - STMicroelectronics LIS3DE Datasheet HTML 39Page - STMicroelectronics LIS3DE Datasheet HTML 40Page - STMicroelectronics LIS3DE Datasheet HTML 41Page - STMicroelectronics LIS3DE Datasheet HTML 42Page - STMicroelectronics LIS3DE Datasheet HTML 43Page - STMicroelectronics LIS3DE Datasheet HTML 44Page - STMicroelectronics LIS3DE Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
DocID023719 Rev 3
41/46
LIS3DE
Register description
46
8.31
CLICK_THS (3Ah)
8.32
TIME_LIMIT (3Bh)
8.33
TIME_LATENCY (3Ch)
8.34
TIME_WINDOW (3Dh)
Table 70. CLICK_THS register
LIR
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 71. CLICK_THS register description
LIR
Latch interrupt request on CLICK_SRC register, with CLICK_SRC register cleared
by reading CLICK_SRC itself. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
THS [6:0]
Click threshold. Default value: 000 0000
Table 72. TIME_LIMIT register
-
TLI6
TLI5
TLI4
TLI3
TLI2
TLI1
TLI0
Table 73. TIME_LIMIT register description
TLI [6:0]
Click time limit. Default value: 000 0000
Table 74. TIME_LATENCY register
TLA7
TLA6
TLA5
TLA4
TLA3
TLA2
TLA1
TLA0
Table 75. TIME_LATENCY register description
TLA [7:0]
Double-click time latency. Default value: 0000 0000
Table 76. TIME_WINDOW register
TW7
TW6
TW5
TW4
TW3
TW2
TW1
TW0
Table 77. TIME_WINDOW register description
TW [7:0]
Double-click time window. Default value: 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com