Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIS2DH Datasheet(PDF) 17 Page - STMicroelectronics

Part # MIS2DH
Description  ultra-low-power high-performance 3-axis accelerometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIS2DH Datasheet(HTML) 17 Page - STMicroelectronics

Back Button MIS2DH Datasheet HTML 13Page - STMicroelectronics MIS2DH Datasheet HTML 14Page - STMicroelectronics MIS2DH Datasheet HTML 15Page - STMicroelectronics MIS2DH Datasheet HTML 16Page - STMicroelectronics MIS2DH Datasheet HTML 17Page - STMicroelectronics MIS2DH Datasheet HTML 18Page - STMicroelectronics MIS2DH Datasheet HTML 19Page - STMicroelectronics MIS2DH Datasheet HTML 20Page - STMicroelectronics MIS2DH Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
DocID027506 Rev 2
17/49
MIS2DH
Mechanical and electrical specifications
49
The turn-on time to transition to another operating mode is given in Table 10.
2.6.4
Self-test
The self-test allows the user to check the sensor functionality without moving it. When the
self-test is enabled, an actuation force is applied to the sensor, simulating a definite input
acceleration. In this case the sensor outputs will exhibit a change in their DC levels which
are related to the selected full scale through the device sensitivity. When the self-test is
activated, the device output level is given by the algebraic sum of the signals produced by
the acceleration acting on the sensor and by the electrostatic test-force. If the output signals
change within the amplitude specified inside Table 3, then the sensor is working properly
and the parameters of the interface chip are within the defined specifications.
2.6.5
6D / 4D orientation detection
The MIS2DH includes 6D / 4D orientation detection.
Table 10. Turn-on time for operating mode transition
Operating mode change
Turn-on time
[ms]
12-bit mode to 8-bit mode
1/ODR
12-bit mode to 10-bit mode
1/ODR
10-bit mode to 8-bit mode
1/ODR
10-bit mode to 12-bit mode
7/ODR
8-bit mode to 10-bit mode
1/ODR
8-bit mode to 12-bit mode
7/ODR
Table 11. Current consumption of operating modes
Operating mode [Hz]
Low-power mode
(8-bit data output)
[μA]
Normal mode
(10-bit data output)
[μA]
High resolution
(12-bit data output)
[μA]
12
2
2
10
3
4
4
25
4
6
6
50
6
11
11
100
10
20
20
200
18
38
38
400
36
73
73
1344
--
185
185
1620
100
--
--
5376
185
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com