Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIS2DH Datasheet(PDF) 32 Page - STMicroelectronics

Part # MIS2DH
Description  ultra-low-power high-performance 3-axis accelerometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIS2DH Datasheet(HTML) 32 Page - STMicroelectronics

Back Button MIS2DH Datasheet HTML 28Page - STMicroelectronics MIS2DH Datasheet HTML 29Page - STMicroelectronics MIS2DH Datasheet HTML 30Page - STMicroelectronics MIS2DH Datasheet HTML 31Page - STMicroelectronics MIS2DH Datasheet HTML 32Page - STMicroelectronics MIS2DH Datasheet HTML 33Page - STMicroelectronics MIS2DH Datasheet HTML 34Page - STMicroelectronics MIS2DH Datasheet HTML 35Page - STMicroelectronics MIS2DH Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Register description
MIS2DH
32/49
DocID027506 Rev 2
7
Register description
7.1
STATUS_REG_AUX (07h)
7.2
OUT_TEMP_L (0Ch), OUT_TEMP_H (0Dh)
Temperature sensor data. Refer to Section 2.11: Temperature sensor for details on how to
enable and read the temperature sensor output data.
7.3
INT_COUNTER_REG (0Eh)
7.4
WHO_AM_I (0Fh)
Device identification register.
7.5
TEMP_CFG_REG (1Fh)
Table 20. STATUS_REG_AUX register
--
TOR
--
--
--
TDA
--
--
Table 21. STATUS_REG_AUX description
TOR
Temperature data overrun. Default value: 0
(0: no overrun has occurred;
1: new temperature data has overwritten the previous data)
TDA
Temperature new data available. Default value: 0
(0: new temperature data is not yet available;
1: new temperature data is available)
Table 22. INT_COUNTER_REG register
IC7
IC6
IC5
IC4
IC3
IC2
IC1
IC0
Table 23. WHO_AM_I register
00110011
Table 24. TEMP_CFG_REG register
TEMP_EN1 TEMP_EN0
000000
Table 25. TEMP_CFG_REG description
TEMP_EN[1:0]
Temperature sensor (T) enable. Default value: 00
(00: T disabled; 11: T enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com