Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIS2DH Datasheet(PDF) 36 Page - STMicroelectronics

Part # MIS2DH
Description  ultra-low-power high-performance 3-axis accelerometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIS2DH Datasheet(HTML) 36 Page - STMicroelectronics

Back Button MIS2DH Datasheet HTML 32Page - STMicroelectronics MIS2DH Datasheet HTML 33Page - STMicroelectronics MIS2DH Datasheet HTML 34Page - STMicroelectronics MIS2DH Datasheet HTML 35Page - STMicroelectronics MIS2DH Datasheet HTML 36Page - STMicroelectronics MIS2DH Datasheet HTML 37Page - STMicroelectronics MIS2DH Datasheet HTML 38Page - STMicroelectronics MIS2DH Datasheet HTML 39Page - STMicroelectronics MIS2DH Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Register description
MIS2DH
36/49
DocID027506 Rev 2
7.10
CTRL_REG5 (24h)
7.11
CTRL_REG6 (25h)
Table 37. Self-test mode configuration
ST1
ST0
Self-test mode
0
0
Normal mode
0
1
Self test 0
1
0
Self test 1
11--
Table 38. CTRL_REG5 register
BOOT
FIFO_EN
--
--
LIR_INT1
D4D_INT1
LIR_INT2
D4D_INT2
Table 39. CTRL_REG5 description
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
FIFO_EN
FIFO enable. Default value: 0
(0: FIFO disabled; 1: FIFO enabled)
LIR_INT1
Latch interrupt request on INT1_SRC (31h), with INT1_SRC (31h) register cleared
by reading INT1_SRC (31h) itself. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
D4D_INT1
4D enable: 4D detection is enabled on INT1 pin when 6D bit on INT1_CFG (30h) is
set to 1.
LIR_INT2
Latch interrupt request on INT2_SRC (35h) register, with INT2_SRC (35h) register
cleared by reading INT2_SRC (35h) itself. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
D4D_INT2
4D enable: 4D detection is enabled on INT2 pin when 6D bit on INT2_CFG (34h) is
set to 1.
Table 40. CTRL_REG6 register
I2_CLICKen I2_INT1
I2_INT2
BOOT_I2
P2_ACT
- -
H_LACTIVE
--
Table 41. CTRL_REG6 description
I2_CLICKen
Click interrupt on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
I2_INT1
Interrupt 1 function enable on INT2 pin. Default value: 0
(0: function disabled; 1: function enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com