Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIS2DH Datasheet(PDF) 19 Page - STMicroelectronics

Part # MIS2DH
Description  ultra-low-power high-performance 3-axis accelerometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIS2DH Datasheet(HTML) 19 Page - STMicroelectronics

Back Button MIS2DH Datasheet HTML 15Page - STMicroelectronics MIS2DH Datasheet HTML 16Page - STMicroelectronics MIS2DH Datasheet HTML 17Page - STMicroelectronics MIS2DH Datasheet HTML 18Page - STMicroelectronics MIS2DH Datasheet HTML 19Page - STMicroelectronics MIS2DH Datasheet HTML 20Page - STMicroelectronics MIS2DH Datasheet HTML 21Page - STMicroelectronics MIS2DH Datasheet HTML 22Page - STMicroelectronics MIS2DH Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
DocID027506 Rev 2
19/49
MIS2DH
Mechanical and electrical specifications
49
2.9
Factory calibration
The IC interface is factory calibrated for sensitivity (So) and zero-g level (TyOff).
The trim values are stored inside the device in non-volatile memory. Any time the device is
turned on, these values are downloaded into the registers to be used during active
operation. This allows using the device without further calibration.
2.10
FIFO
The MIS2DH contains a 10-bit, 32-level FIFO. Buffered output allows the following operation
modes: FIFO, Stream, Stream-to-FIFO and FIFO bypass. When FIFO bypass mode is
activated, FIFO is not operating and remains empty. In FIFO mode, measurement data from
acceleration detection on the x, y, and z axes are stored in the FIFO buffer.
2.11
Temperature sensor
The MIS2DH is supplied with an internal temperature sensor. Temperature data can be
enabled by setting the TEMP_EN[1:0] bits to ‘1’ in the TEMP_CFG_REG (1Fh) register.
To retrieve the temperature sensor data the BDU bit in CTRL_REG4 (23h) must be set to ‘1’.
Both the OUT_TEMP_L (0Ch), OUT_TEMP_H (0Dh) registers must be read.
Temperature data is stored inside OUT_TEMP_H as two’s complement data in 8-bit format
left-justified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com