Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIS2DH Datasheet(PDF) 34 Page - STMicroelectronics

Part # MIS2DH
Description  ultra-low-power high-performance 3-axis accelerometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIS2DH Datasheet(HTML) 34 Page - STMicroelectronics

Back Button MIS2DH Datasheet HTML 30Page - STMicroelectronics MIS2DH Datasheet HTML 31Page - STMicroelectronics MIS2DH Datasheet HTML 32Page - STMicroelectronics MIS2DH Datasheet HTML 33Page - STMicroelectronics MIS2DH Datasheet HTML 34Page - STMicroelectronics MIS2DH Datasheet HTML 35Page - STMicroelectronics MIS2DH Datasheet HTML 36Page - STMicroelectronics MIS2DH Datasheet HTML 37Page - STMicroelectronics MIS2DH Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Register description
MIS2DH
34/49
DocID027506 Rev 2
7.7
CTRL_REG2 (21h)
The bandwidth of the high-pass filter depends on the selected ODR and on the settings of
the HPCFx bits of CTRL_REG2. The high-pass filter cutoff frequencies (ft) are shown in
Table 32.
Table 29. CTRL_REG2 register
HPM1
HPM0
HPCF2
HPCF1
FDS
HPCLICK
HPIS2
HPIS1
Table 30. CTRL_REG2 description
HPM[1:0]
High-pass filter mode selection. Default value: 00
Refer to Table 31 for filter mode configuration
HPCF[2:1]
High-pass filter cutoff frequency selection. Refer to Table 32.
FDS
Filtered data selection. Default value: 0
(0: internal filter bypassed; 1: data from internal filter sent to output register and FIFO)
HPCLICK
High-pass filter enable for CLICK function.
(0: filter bypassed; 1: filter enabled)
HPIS2
High-pass filter enable for AOI function on Interrupt 2.
(0: filter bypassed; 1: filter enabled)
HPIS1
High-pass filter enable for AOI function on Interrupt 1.
(0: filter bypassed; 1: filter enabled)
Table 31. High-pass filter mode configuration
HPM1
HPM0
High-pass filter mode
0
0
Normal mode (reset by reading REFERENCE/DATACAPTURE (26h) register)
0
1
Reference signal for filtering
1
0
Normal mode
1
1
Autoreset on interrupt event
Table 32. Low-power mode - high-pass filter cutoff frequency
HPCF[2:1]
ft [Hz]
@ 1 Hz
ft [Hz]
@ 10 Hz
ft [Hz]
@ 25 Hz
ft [Hz]
@ 50 Hz
ft [Hz]
@ 100 Hz
ft [Hz]
@ 200Hz
ft [Hz]
@ 400 Hz
ft [Hz]
@ 1.6kHz
ft [Hz]
@ 5kHz
00
0.02
0.2
0.5
1
2
4
8
32
100
01
0.008
0.08
0.2
0.5
1
2
4
16
50
10
0.004
0.04
0.1
0.2
0.5
1
2
8
25
11
0.002
0.02
0.05
0.1
0.2
0.5
1
4
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com