Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIS2DH Datasheet(PDF) 18 Page - STMicroelectronics

Part # MIS2DH
Description  ultra-low-power high-performance 3-axis accelerometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIS2DH Datasheet(HTML) 18 Page - STMicroelectronics

Back Button MIS2DH Datasheet HTML 14Page - STMicroelectronics MIS2DH Datasheet HTML 15Page - STMicroelectronics MIS2DH Datasheet HTML 16Page - STMicroelectronics MIS2DH Datasheet HTML 17Page - STMicroelectronics MIS2DH Datasheet HTML 18Page - STMicroelectronics MIS2DH Datasheet HTML 19Page - STMicroelectronics MIS2DH Datasheet HTML 20Page - STMicroelectronics MIS2DH Datasheet HTML 21Page - STMicroelectronics MIS2DH Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
Mechanical and electrical specifications
MIS2DH
18/49
DocID027506 Rev 2
6D / 4D orientation recognition
In this configuration the interrupt is generated when the device is stable in a known
direction. In 4D configuration, detection of the position of the Z-axis is disabled.
2.6.6
“Sleep-to-wake” and “Return-to-sleep”
The MIS2DH can be programmed to automatically switch to low-power mode upon
recognition of a determined event.
Once the event condition is over, the device returns back to the preset normal or high-
resolution mode.
To enable this function the desired threshold value must be stored inside the Act_THS (3Eh)
register while the duration value is written inside the Act_DUR (3Fh) register.
When the acceleration falls below the threshold value, the device automatically switches to
low-power mode (10Hz ODR).
During this condition, the ODR[3:0] bits and the LPen bit inside CTRL_REG1 (20h) and the
HR bit in CTRL_REG3 (22h) are not considered.
As soon as the acceleration rises above threshold, the module restores the operating mode
and ODRs as determined by the CTRL_REG1 (20h) and CTRL_REG3 (22h) settings.
2.7
Sensing element
A proprietary process is used to create a surface micromachined accelerometer. The
technology processes suspended silicon structures which are attached to the substrate in a
few points called anchors and are free to move in the direction of the sensed acceleration.
To be compatible with traditional packaging techniques, a cap is placed on top of the
sensing element to avoid blocking the moving parts during the molding phase of the plastic
encapsulation.
When an acceleration is applied to the sensor, the proof mass displaces from its nominal
position, causing an imbalance in the capacitive half-bridge. This imbalance is measured
using charge integration in response to a voltage pulse applied to the capacitor.
At steady state the nominal value of the capacitors are a few pF and when an acceleration is
applied, the maximum variation of the capacitive load is in the fF range.
2.8
IC interface
The complete measurement chain is composed of a low-noise capacitive amplifier which
converts the capacitive unbalance of the MEMS sensor into an analog voltage that will be
available to the user through an analog-to-digital converter.
The acceleration data may be accessed through an I2C/SPI interface, thus making the
device particularly suitable for direct interfacing with a microcontroller.
The MIS2DH features a data-ready signal (DRDY) which indicates when a new set of
measured acceleration data is available, thus simplifying data synchronization in the digital
system that uses the device.
The MIS2DH may also be configured to generate an inertial wake-up and free-fall interrupt
signal according to a programmed acceleration event along the enabled axes. Both free-fall
and wake-up can be available simultaneously on two different pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com