Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1383 Datasheet(PDF) 9 Page - ams AG

Part # AS1383
Description  200mA, 3.5MHz DC-DC Step-Up Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1383 Datasheet(HTML) 9 Page - ams AG

Back Button AS1383 Datasheet HTML 5Page - ams AG AS1383 Datasheet HTML 6Page - ams AG AS1383 Datasheet HTML 7Page - ams AG AS1383 Datasheet HTML 8Page - ams AG AS1383 Datasheet HTML 9Page - ams AG AS1383 Datasheet HTML 10Page - ams AG AS1383 Datasheet HTML 11Page - ams AG AS1383 Datasheet HTML 12Page - ams AG AS1383 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ams Datasheet
Page 9
[v1-01] 2015-May-22
Document Feedback
AS1383 − Detailed Descriptions
Thermal Overload Protection
To prevent the AS1383 from short-term misuse the chip
includes a thermal overload protection. To block the normal
operation the switching of PMOS and NMOS are stopped during
the thermal protection, but the VOUT follows the VBAT. The
device is in thermal shutdown when the junction temperature
exceeds 150°C. To resume the normal operation the
temperature has to drop below 140°C.
Note(s): Continuing operation in thermal overload conditions
may damage the device and is considered bad practice.
VOUT Programming with External Resistor Divider
In adjustable VOUT variant AS1383 output voltage can be
selected with external resistor diver connected to the FB pin as
shown in Figure 3. In this case, the VOUT follows the function:
In fixed output voltage variant the VOUT is programmed
internally, and the VOUT if connected directly to FB pin.
A higher resistance of R1 and R2 will result in a lower leakage
current. Resistance between 10kΩ and 500kΩ is recommended
for R2. It is recommended to keep VIN 500mV higher than VOUT.
(EQ1)
VOUT
1
R1
R2
------
+

 1.25V
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com