Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1383 Datasheet(PDF) 13 Page - ams AG

Part # AS1383
Description  200mA, 3.5MHz DC-DC Step-Up Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1383 Datasheet(HTML) 13 Page - ams AG

Back Button AS1383 Datasheet HTML 9Page - ams AG AS1383 Datasheet HTML 10Page - ams AG AS1383 Datasheet HTML 11Page - ams AG AS1383 Datasheet HTML 12Page - ams AG AS1383 Datasheet HTML 13Page - ams AG AS1383 Datasheet HTML 14Page - ams AG AS1383 Datasheet HTML 15Page - ams AG AS1383 Datasheet HTML 16Page - ams AG AS1383 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ams Datasheet
Page 13
[v1-01] 2015-May-22
Document Feedback
AS1383 − External Component Selection
Figure 15:
Recommended COUT Capacitors
Because ceramic capacitors lose a lot of their initial capacitance
at their maximum rated voltage, it is recommended that either
a higher input capacity or a capacitance with a higher rated
voltage is used.
Feedback Resistor Selection
Layout Recommendation
The high-speed operation of the AS1383 requires proper layout
for optimum performance. Figure 16 shows the recommended
component layout.
• A large ground pin copper area will help to lower the
device temperature.
• A multi-layer board with a separate ground plane is
recommended.
• Traces carrying large currents should be direct.
• Trace area at pin FB should be as small as is practical.
• The lead-length to the battery should be as short as is
practical.
Part Number
C
TC
Code
Voltage
Rating
Dimensions in
mm (L/W/H)
Manufacturer
GRM21BR61E475MA12
4.7μF
X5R
25V
2.0 x 1.2 x 1.25
www.murata.com
GRM219R61A106ME47
10μF
X5R
10V
2.0 x 1.2 x 1.25
www.murata.com
CL10A475KP8NNNC
4.7μF
X5R
10V
1.6 x 0.8 x 0.8mm
www.samsungsem.com
CL10A106KP8NNNC
10μF
X5R
10V
1.6 x 0.8 x 0.8mm
www.samsungsem.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com