Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1383 Datasheet(PDF) 1 Page - ams AG

Part # AS1383
Description  200mA, 3.5MHz DC-DC Step-Up Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1383 Datasheet(HTML) 1 Page - ams AG

  AS1383 Datasheet HTML 1Page - ams AG AS1383 Datasheet HTML 2Page - ams AG AS1383 Datasheet HTML 3Page - ams AG AS1383 Datasheet HTML 4Page - ams AG AS1383 Datasheet HTML 5Page - ams AG AS1383 Datasheet HTML 6Page - ams AG AS1383 Datasheet HTML 7Page - ams AG AS1383 Datasheet HTML 8Page - ams AG AS1383 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ams Datasheet
Page 1
[v1-01] 2015-May-22
Document Feedback
AS1383
200mA, 3.5MHz DC-DC Step-Up
Converter
The AS1383 is a synchronous, high efficiency DC-DC boost
converter running at a constant frequency of 3.5MHz. This very
high oscillator frequency allows the usage of a low profile
inductor with only 1μH. This results in a very small board space
requirement for the complete solutions including all external
components.
AS1383 generates an output voltage range from 2.7V to 5.0V.
In adjustable output voltage variant, the output voltage is
selected with an external resistor divider. In fixed output
voltage variant the VOUT is pre-programmed in 100mV steps,
and the external resistor divider is not needed.
AS1383 supports input voltages down to 2.7V. The device
provides an output current of 200mA. To support high
efficiency across the entire load range the AS1383 is equipped
with a synchronous rectifier and features a power save mode
for light loads.
To avoid harmful deep discharge of the battery during
shutdown the AS1383 is equipped with an output disconnect
function.
The AS1383 is available in a 6-pin WL-CSP package with 0.4mm
pitch.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS1383 are listed below:
Figure 1:
Added Value of Using AS1383
Benefits
Features
Ideal for single Li-Ion battery powered applications
• Wide Input Voltage Range (2.7V to 5.5V)
Extended battery life
• High Efficiency up to 92%
Supports a variety of end applications
• Output Voltage Range: 2.7V to 5.0V (fixed and
adjustable variants)
• 3.5MHz Fixed-Frequency
• Output Current up to 200mA
• Automatic Powersave Operation for light Loads
• Output Disconnect during Shutdown
• Anti-Ringing Control minimizes EMI
Cost effective, small package
• 6-pin WL-CSP with 0.4mm pitch
General Description


Similar Part No. - AS1383

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1382 AMSCO-AS1382 Datasheet
636Kb / 20P
1A, High Efficiency, DC-DC Step Down Converter
AS1382-BWLT-ES AMSCO-AS1382-BWLT-ES Datasheet
636Kb / 20P
1A, High Efficiency, DC-DC Step Down Converter
AS1382A-BWLT-10 AMSCO-AS1382A-BWLT-10 Datasheet
636Kb / 20P
1A, High Efficiency, DC-DC Step Down Converter
AS1382A-BWLT-12 AMSCO-AS1382A-BWLT-12 Datasheet
636Kb / 20P
1A, High Efficiency, DC-DC Step Down Converter
AS1382A-BWLT-15 AMSCO-AS1382A-BWLT-15 Datasheet
636Kb / 20P
1A, High Efficiency, DC-DC Step Down Converter
More results

Similar Description - AS1383

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
2-Cell, 200mA, Step-Up DC/DC Converter
logo
ams AG
AS1320 AMSCO-AS1320 Datasheet
328Kb / 2P
200mA Step-Up DC-DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
ams AG
AS1320 AMSCO-AS1320_1 Datasheet
394Kb / 12P
200mA Step-Up DC-DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
ams AG
AS1337 AMSCO-AS1337 Datasheet
912Kb / 14P
200mA, DC-DC Step-Up Converter with Buck Mode
logo
Silicon Standard Corp.
SS6633 SSC-SS6633 Datasheet
584Kb / 10P
200mA Step-Up DC/DC Converter
logo
ams AG
AS1337 AMSCO-AS1337_1 Datasheet
923Kb / 14P
200mA, DC-DC Step-Up Converter with Buck Mode
AS1337 AMSCO-AS1337_09 Datasheet
811Kb / 16P
200mA, DC-DC Step-Up Converter with Buck Mode
logo
Holtek Semiconductor In...
HT7727SA HOLTEK-HT7727SA Datasheet
3Mb / 17P
200mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com