Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1383 Datasheet(PDF) 5 Page - ams AG

Part # AS1383
Description  200mA, 3.5MHz DC-DC Step-Up Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1383 Datasheet(HTML) 5 Page - ams AG

  AS1383 Datasheet HTML 1Page - ams AG AS1383 Datasheet HTML 2Page - ams AG AS1383 Datasheet HTML 3Page - ams AG AS1383 Datasheet HTML 4Page - ams AG AS1383 Datasheet HTML 5Page - ams AG AS1383 Datasheet HTML 6Page - ams AG AS1383 Datasheet HTML 7Page - ams AG AS1383 Datasheet HTML 8Page - ams AG AS1383 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ams Datasheet
Page 5
[v1-01] 2015-May-22
Document Feedback
AS1383 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 7:
Electrical Characteristics
Symbol
Parameter
Note
Min
Typ
Max
Unit
VIN
Input Voltage
VIN
2.7
5.5
V
Regulation
VOUT
Output Voltage,
Output voltage can be
trimmed to any values
between Min and Max
2.7
5.0
V
VOUT_TOL
Output Voltage Tolerance
-3
+3
%
VO_Ripple
Output Ripple Voltage
IOUT = 150mA
20
mVpp
Operating Current
IOUT
Output Current
VIN ≤ 3.0V
3.0V < VIN ≤ 3.7V
VIN > 3.7V
50
100
200
mA
IQSHDN
Quiescent Current
(Shutdown)
EN = GND
1.5
uA
IQPWS
Quiescent Current
(Powersave operation)
25
uA
Line transient response
VIN = Step from 3.0V to 3.5V,
VOUT=5.0V
IOUT = 100mA
80
mV
Load transient response
VIN = 3.6V, VOUT=5.0V
IOUT = stepping from 10mA to
100mA
100
mV
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com