Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1383 Datasheet(PDF) 16 Page - ams AG

Part # AS1383
Description  200mA, 3.5MHz DC-DC Step-Up Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1383 Datasheet(HTML) 16 Page - ams AG

Back Button AS1383 Datasheet HTML 12Page - ams AG AS1383 Datasheet HTML 13Page - ams AG AS1383 Datasheet HTML 14Page - ams AG AS1383 Datasheet HTML 15Page - ams AG AS1383 Datasheet HTML 16Page - ams AG AS1383 Datasheet HTML 17Page - ams AG AS1383 Datasheet HTML 18Page - ams AG AS1383 Datasheet HTML 19Page - ams AG AS1383 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-01] 2015-May-22
AS1383 − Pack age Drawings & Mark ings
Figure 18:
WL-CSP Marking
AS1383 Marking: Shows the package
marking of the WL-CSP product version.
Tracecode (XXXX) is a unique code to
identify the part and production lot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com