Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1383 Datasheet(PDF) 4 Page - ams AG

Part # AS1383
Description  200mA, 3.5MHz DC-DC Step-Up Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1383 Datasheet(HTML) 4 Page - ams AG

  AS1383 Datasheet HTML 1Page - ams AG AS1383 Datasheet HTML 2Page - ams AG AS1383 Datasheet HTML 3Page - ams AG AS1383 Datasheet HTML 4Page - ams AG AS1383 Datasheet HTML 5Page - ams AG AS1383 Datasheet HTML 6Page - ams AG AS1383 Datasheet HTML 7Page - ams AG AS1383 Datasheet HTML 8Page - ams AG AS1383 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-01] 2015-May-22
AS1383 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Electrical
Characteristics is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 6:
Absolute Maximum Ratings
Note(s) and/or Footnote(s):
1. The reflow peak soldering temperature (body temperature) is specified according IPC/JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Nonhermetic Solid State Surface Mount Devices”
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VGND
All pins to GND
-0.3
VOUT
+ 0.3
V
ISCR
Input Current
(latch-up immunity)
-100
100
mA
Norm: JEDEC 78
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
±2
kV
Norm: MIL 883 E method 3015
Temperature Ranges and Storage Conditions
TAMB
Operating Temperature
-40
85
°C
θJA
Thermal Resistance
110
°C/W
TJ
Junction Temperature
150
°C
TSTRG
Storage Temperature Range
-55
125
°C
TBODY
Package Body Temperature
260
°C
Norm IPC/JEDEC J-STD-020 (1)
RHNC
Relative Humidity
non-condensing
585
%
MSL
Moisture Sensitivity Level
1
Represents an unlimited floor life
time
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com