Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3729 Datasheet(PDF) 7 Page - ams AG

Part # AS3729
Description  5A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3729 Datasheet(HTML) 7 Page - ams AG

Back Button AS3729 Datasheet HTML 3Page - ams AG AS3729 Datasheet HTML 4Page - ams AG AS3729 Datasheet HTML 5Page - ams AG AS3729 Datasheet HTML 6Page - ams AG AS3729 Datasheet HTML 7Page - ams AG AS3729 Datasheet HTML 8Page - ams AG AS3729 Datasheet HTML 9Page - ams AG AS3729 Datasheet HTML 10Page - ams AG AS3729 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ams Datasheet
Page 7
[v1-24] 2015-Aug-13
Document Feedback
AS3729 − Parameters
Figure 9:
3.7V Efficiency vs. Output Current Coil Comparison
Figure 10:
3.7V Efficiency vs. Output Current Coil Comparison
Combined Mode
AS3729 Step Down DCDC: Shows the
Efficiency of the AS3729 for different
coils @ 1.0V with VSUP=3.7V, 1.5MHz
operation and TA=25°C.
AS3729 Step Down DCDC: Shows the
Efficiency of the AS3729 for different
coils @ 1.0V with VSUP=3.7V, 1.5MHz
operation and TA=25°C.
40
45
50
55
60
65
70
75
80
85
90
0,001
0,01
0,1
1
10
Output Current (A)
VLF302515MT 0.47uH 23mΩ
SMP4012T 0.47uH 23mΩ
XFL4012 0.47uH 15.4mΩ
LQM2HPN 1uH 50mΩ
TFM252010 0.47uH 24mΩ
TFM201610 0.47uH 38mΩ
40
45
50
55
60
65
70
75
80
85
90
0,001
0,01
0,1
1
10
Output Current (A)
XAL4020 0.6uH 9mΩ
XFL4015 0.47uH 8.4mΩ
XFL4012 0.47uH 15.4mΩ
LQM2HPN 1uH 50mΩ (not combined)
TFM252010 0.47uH 24mΩ
SPM4012T 0.47uH 23mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com