Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3729 Datasheet(PDF) 5 Page - ams AG

Part # AS3729
Description  5A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3729 Datasheet(HTML) 5 Page - ams AG

  AS3729 Datasheet HTML 1Page - ams AG AS3729 Datasheet HTML 2Page - ams AG AS3729 Datasheet HTML 3Page - ams AG AS3729 Datasheet HTML 4Page - ams AG AS3729 Datasheet HTML 5Page - ams AG AS3729 Datasheet HTML 6Page - ams AG AS3729 Datasheet HTML 7Page - ams AG AS3729 Datasheet HTML 8Page - ams AG AS3729 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ams Datasheet
Page 5
[v1-24] 2015-Aug-13
Document Feedback
AS3729 − Electrical Characteristics
Typical values are at VSUP = 3.8V, TA = 25°C (unless otherwise
specified). All limits are guaranteed. The parameters with Min
and Max values are guaranteed with production tests or SQC
(Statistical Quality Control) methods.
Figure 6:
Step Down DCDC Power Stage Parameters
Note(s) and/or Footnote(s):
1. Maximum value only for pulsed peak current.
2. MOS transistor only without package parasitics.
Symbol
Parameter
Comments
Min
Typ
Max
Units
VIN
Input voltage
Pin VSUPx
2.5
5.5
V
Pin CTRLx
0
5.5
V
Pin TEMP
0
3.6
V
ILIMIT
Peak coil current limit
Single phase
4
A
ILOAD
Load current
Continuous load current
0
2.5
A
Peak load current
3 (1)
RPMOS
P-switch On resistance (2)
Single phase
40
70
mΩ
RNMOS
N-switch On resistance (2)
Single phase
30
50
mΩ
fSW
Switching frequency
Supplied by DCDC
controller
2.7
3
MHz
IQ_force_PWM
Quiescent current PWM
TEMP pin high, force
PWM mode active
6.2
mA
IQ_low_power
Quiescent current LP
TEMP pin high, low
power mode active
21
μA
Ipower_off
Power-Off current
No current into pin TEMP
±1
μA
Rdischarge
active discharge
Single phase
16
Ω
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com