Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3729 Datasheet(PDF) 9 Page - ams AG

Part # AS3729
Description  5A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3729 Datasheet(HTML) 9 Page - ams AG

Back Button AS3729 Datasheet HTML 5Page - ams AG AS3729 Datasheet HTML 6Page - ams AG AS3729 Datasheet HTML 7Page - ams AG AS3729 Datasheet HTML 8Page - ams AG AS3729 Datasheet HTML 9Page - ams AG AS3729 Datasheet HTML 10Page - ams AG AS3729 Datasheet HTML 11Page - ams AG AS3729 Datasheet HTML 12Page - ams AG AS3729 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ams Datasheet
Page 9
[v1-24] 2015-Aug-13
Document Feedback
AS3729 − Parameters
Figure 13:
3.7V Efficiency vs. Output Current XFL4012 Mode
Comparison
Figure 14:
3.7V Efficiency vs. Output Current SPM4012T Mode
Comparison
AS3729 Step Down DCDC: Shows the
Efficiency of the AS3729 in dual,
combined and single phase mode @
1.0V with VSUP=3.7V, 1.5MHz operation,
TA=25°C and Coilcraft XFL4012-471MEB
coil.
AS3729 Step Down DCDC: Shows the
Efficiency of the AS3729 in dual,
combined and single phase mode @
1.0V with VSUP=3.7V, 1.5MHz operation,
TA=25°C and TDK SPM4012T-R47M coil.
40
45
50
55
60
65
70
75
80
85
90
0,001
0,01
0,1
1
10
Output Current (A)
dual phase
dual phase, low noise
combined mode
combined mode, low noise
low power mode
low power, low noise
40
45
50
55
60
65
70
75
80
85
90
0,001
0,01
0,1
1
10
Output Current (A)
dual phase
dual phase, low noise
combined mode
combined mode, low noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com