Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3729 Datasheet(PDF) 6 Page - ams AG

Part # AS3729
Description  5A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3729 Datasheet(HTML) 6 Page - ams AG

Back Button AS3729 Datasheet HTML 2Page - ams AG AS3729 Datasheet HTML 3Page - ams AG AS3729 Datasheet HTML 4Page - ams AG AS3729 Datasheet HTML 5Page - ams AG AS3729 Datasheet HTML 6Page - ams AG AS3729 Datasheet HTML 7Page - ams AG AS3729 Datasheet HTML 8Page - ams AG AS3729 Datasheet HTML 9Page - ams AG AS3729 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-24] 2015-Aug-13
AS3729 − Parameters
Figure 7:
Step Down DCDC Power Stage External Components
Figure 8:
3.7V Efficiency vs. Output Current Combined Mode
Symbol
Parameter
Min
Typ
Max
Units
Note
External Components Per Phase
CFB
Output capacitor
40
47
μF
Ceramic X5R or X7R, high
performance
20
22
μF
Ceramic X5R or X7R, cost
optimized
CVSUP
Input capacitor
6
10
μF
Ceramic X5R or X7R
L
Inductor
0.3
0.47
μH
3A rated, 3MHz
operation, low RON
AS3729 Step Down DCDC: Shows the
Efficiency of AS3729 with VSUP = 3.7V,
1.5MHz operation, TA = 25°C and
Coilcraft XAL5030-601MEB coil
Parameters
40
45
50
55
60
65
70
75
80
85
90
95
0,001
0,01
0,1
1
10
Output Current (A)
1.5V
1.2V
1.0V
1.5V, low noise
1.2V, low noise
1.0V, low noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com