Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3729 Datasheet(PDF) 11 Page - ams AG

Part # AS3729
Description  5A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3729 Datasheet(HTML) 11 Page - ams AG

Back Button AS3729 Datasheet HTML 7Page - ams AG AS3729 Datasheet HTML 8Page - ams AG AS3729 Datasheet HTML 9Page - ams AG AS3729 Datasheet HTML 10Page - ams AG AS3729 Datasheet HTML 11Page - ams AG AS3729 Datasheet HTML 12Page - ams AG AS3729 Datasheet HTML 13Page - ams AG AS3729 Datasheet HTML 14Page - ams AG AS3729 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ams Datasheet
Page 11
[v1-24] 2015-Aug-13
Document Feedback
AS3729 − Parameters
Figure 17:
3.7V Efficiency vs. Output Current LQMHPN Frequency
Comparison
AS3729 Step Down DCDC: Shows the
Efficiency of the AS3729 in dual phase
mode @ 1.0V with VSUP=3.7V, TA=25°C
and Murata LQM2HPN1R0MJH coil.
40
45
50
55
60
65
70
75
80
85
90
0,001
0,01
0,1
1
10
Output Current (A)
3MHz
3MHz, low noise
1.5MHz
1.5MHz, low noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com