Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3729 Datasheet(PDF) 1 Page - ams AG

Part # AS3729
Description  5A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3729 Datasheet(HTML) 1 Page - ams AG

  AS3729 Datasheet HTML 1Page - ams AG AS3729 Datasheet HTML 2Page - ams AG AS3729 Datasheet HTML 3Page - ams AG AS3729 Datasheet HTML 4Page - ams AG AS3729 Datasheet HTML 5Page - ams AG AS3729 Datasheet HTML 6Page - ams AG AS3729 Datasheet HTML 7Page - ams AG AS3729 Datasheet HTML 8Page - ams AG AS3729 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ams Datasheet
Page 1
[v1-24] 2015-Aug-13
Document Feedback
AS3729
5A Power Stage
The AS3729 is a companion power stage, intended to be used
with AS372x products. It cannot be used without a DCDC
controller. It contains the power FETs for 2 phases and is capable
to handle output currents of 2.5A per phase.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS3729, 5A Power Stage are listed
below:
Figure 1:
Added Value of Using AS3729
Applications
The device is a high current dual-phase DCDC and ideal for:
• Mobile phones
• Tablets
• Notebooks
Benefits
Features
Support for single or dual phase operation
• 2 phases with separate control input
2 x 2.5A output stages are running on 3MHz
• Separate power NMOS & PMOS for 2.5A per phase
• Separate coil current feedback per phase
• Stand-alone zero-crossing operation
Over-temperature protection
• Integrated temperature monitoring
Cost effective, small package
• 16-pin WL-CSP: 1.615mm x 1.615mm, 0.4mm pitch
General Description


Similar Part No. - AS3729

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3729B AMSCO-AS3729B Datasheet
448Kb / 18P
Support for single or dual phase operation
logo
ams-OSRAM AG
AS3729B AMSOSRAM-AS3729B Datasheet
790Kb / 19P
8A Power Stage
2015-Sep-28
AS3729B-BWLM AMSOSRAM-AS3729B-BWLM Datasheet
790Kb / 19P
8A Power Stage
2015-Sep-28
AS3729B-BWLT AMSOSRAM-AS3729B-BWLT Datasheet
790Kb / 19P
8A Power Stage
2015-Sep-28
More results

Similar Description - AS3729

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6542 MOSPEC-2N6542 Datasheet
209Kb / 4P
POWER TRANSISTORS(5A,100W)
logo
Intersil Corporation
ISL6580 INTERSIL-ISL6580 Datasheet
1Mb / 31P
Integrated Power Stage
September 2003
logo
Rohm
2SA2096 ROHM-2SA2096 Datasheet
81Kb / 4P
Power transistor (-60V, -5A)
logo
Powersem GmbH
PSBM24 POWERSEM-PSBM24 Datasheet
155Kb / 2P
Power MOSFET Stage
logo
Fairchild Semiconductor
FDMS3610S FAIRCHILD-FDMS3610S Datasheet
377Kb / 13P
PowerTrench Power Stage
FDMS3660AS FAIRCHILD-FDMS3660AS Datasheet
397Kb / 13P
PowerTrench짰 Power Stage
FDMS3669S FAIRCHILD-FDMS3669S Datasheet
587Kb / 16P
PowerTrench짰 Power Stage
logo
Powerex Power Semicondu...
RD750VA-SIP POWEREX-RD750VA-SIP Datasheet
122Kb / 1P
Complete Power Stage
logo
Texas Instruments
BQ500101 TI1-BQ500101 Datasheet
376Kb / 20P
NexFET Power Stage
logo
Maxim Integrated Produc...
MAX17515EVKIT MAXIM-MAX17515EVKIT Datasheet
545Kb / 8P
5A Integrated Power Module
Rev 1; 9/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com