Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5147P Datasheet(PDF) 8 Page - ams AG

Part # AS5147P
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147P Datasheet(HTML) 8 Page - ams AG

Back Button AS5147P Datasheet HTML 4Page - ams AG AS5147P Datasheet HTML 5Page - ams AG AS5147P Datasheet HTML 6Page - ams AG AS5147P Datasheet HTML 7Page - ams AG AS5147P Datasheet HTML 8Page - ams AG AS5147P Datasheet HTML 9Page - ams AG AS5147P Datasheet HTML 10Page - ams AG AS5147P Datasheet HTML 11Page - ams AG AS5147P Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-01] 2015-May-12
AS5147P − Timing Characteristics
Reference magnet: N35H, 8mm diameter; 3mm thickness
Figure 9:
Timing Specifications
ON_PWM
RMS output noise
(1 sigma) on PWM
interface
Orthogonal
component for the
magnetic field within
the specified range
(Bz)
0.068
degree
tdelay
System propagation
delay –core
Reading angle via SPI
90
110
μs
tdelay_
DAEC
Residual system
propagation delay after
dynamic angle error
correction.
At ABI, UVW and SPI
1.5
1.9
μs
tsampl
Sampling rate
Refresh rate at SPI
202
222
247
ns
DAE1700
Dynamic angle error
At 1700 RPM constant
speed
0.02
degree
DAEmax
Dynamic angle error
At 28000 RPM
constant speed
0.36
degree
DAEacc
Dynamic angle error at
constant acceleration
(25krad/s²)
25k radians/s²
constant acceleration
0.175
degree
MS
Maximum speed
28000
RPM
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpon
Power-on time
Not tested, guaranteed by design. Time
between VDD > VDDporON and the first
valid outcome
10
ms
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Timing Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com