Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5147P Datasheet(PDF) 6 Page - ams AG

Part # AS5147P
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147P Datasheet(HTML) 6 Page - ams AG

Back Button AS5147P Datasheet HTML 2Page - ams AG AS5147P Datasheet HTML 3Page - ams AG AS5147P Datasheet HTML 4Page - ams AG AS5147P Datasheet HTML 5Page - ams AG AS5147P Datasheet HTML 6Page - ams AG AS5147P Datasheet HTML 7Page - ams AG AS5147P Datasheet HTML 8Page - ams AG AS5147P Datasheet HTML 9Page - ams AG AS5147P Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-01] 2015-May-12
AS5147P − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Positive supply voltage
5.0V operation mode
4.5
5.0
5.5
V
VDD3V3
Positive supply voltage
3.3V operation mode;
only from -40 to
125°C
3.0
3.3
3.6
V
VDD3V3_150
Positive supply voltage
3.3V operation mode;
only from -40 to
150°C (3V150°C Bit
has to be set)
3.0
3.3
3.6
V
VDD_Burn
Positive supply voltage
Supply voltage
required for
programming in 3.3V
operation
3.3
3.5
V
VREG
Regulated Voltage
Voltage at VDD3V3
pin if VDD ≠ VDD3V3
3.2
3.4
3.6
V
VporON
Internal POR-ON level
3V operation. Pin
VDD5 & VDD3
shorted
2.3
2.85
V
VporOFF
Internal POR-OFF level
3V operation. Pin
VDD5 & VDD3
shorted
2.05
2.65
V
Vporh
Internal POR hysteresis
150
300
mV
IDD
Supply current
15
mA
VIH
High-level input
voltage
0.7 × VDD
V
VIL
Low-level input voltage
0.3 ×
VDD
V
VOH
High-level output
voltage
VDD - 0.5
V
VOL
Low-level output
voltage
VSS + 0.4
V
I_Out
Current on digital
output
1mA
C_L
Capacitive load on
digital output
50
pf
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com