Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5147P Datasheet(PDF) 21 Page - ams AG

Part # AS5147P
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147P Datasheet(HTML) 21 Page - ams AG

Back Button AS5147P Datasheet HTML 17Page - ams AG AS5147P Datasheet HTML 18Page - ams AG AS5147P Datasheet HTML 19Page - ams AG AS5147P Datasheet HTML 20Page - ams AG AS5147P Datasheet HTML 21Page - ams AG AS5147P Datasheet HTML 22Page - ams AG AS5147P Datasheet HTML 23Page - ams AG AS5147P Datasheet HTML 24Page - ams AG AS5147P Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ams Datasheet
Page 21
[v1-01] 2015-May-12
Document Feedback
AS5147P − Detailed Description
ABI Incremental Interface
The AS5147P can send the angle position to the host
microcontroller through an incremental interface. This
interface is available simultaneously with the other interfaces.
By default, the incremental interface is set to work at the highest
resolution (12 bits), which corresponds to 4096 steps per
revolution or 1024 pulses per revolution (ppr). This resolution
can be changed with the OTP bits ABIRES.
The phase shift between the A and B signals indicates the
rotation direction: clockwise (A leads, B follows) or
counterclockwise (B leads, A follows) as viewed from above the
magnet and AS5147P. The DIR bit can be used to invert the sense
of the rotation direction.
The IWIDTH setting programs the width of the index pulse from
3 LSB (default) to 1 LSB.
Figure 32:
ABI Signals at 11-Bit Resolution
N =4096 for 12-Bit resolution, and N = 1024 for 10-bit
resolution.
The Figure 32 shows the ABI signal flow if the magnet rotates
in clockwise direction, placing the magnet on the top of the
AS5147P and looking at the magnet from the top (DIR=0). With
the bit DIR, it is possible to invert the rotation direction.
01
23
4
5
6
7
8
N-1
N-2
N-3
N-4
N-5
N-6
1
2
3
4
5
6
7
0
N-1 N-2 N-3 N-4
A
B
I
N-7
Steps
Clockwise rotation
Counter-clockwise rotation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com