Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5147P Datasheet(PDF) 22 Page - ams AG

Part # AS5147P
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147P Datasheet(HTML) 22 Page - ams AG

Back Button AS5147P Datasheet HTML 18Page - ams AG AS5147P Datasheet HTML 19Page - ams AG AS5147P Datasheet HTML 20Page - ams AG AS5147P Datasheet HTML 21Page - ams AG AS5147P Datasheet HTML 22Page - ams AG AS5147P Datasheet HTML 23Page - ams AG AS5147P Datasheet HTML 24Page - ams AG AS5147P Datasheet HTML 25Page - ams AG AS5147P Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-01] 2015-May-12
AS5147P − Detailed Description
UVW Commutation Interface
The AS5147P can emulate the UVW signals generated by the
three discrete Hall switches commonly used in BLDC motors.
The UVWPP field in the SETTINGS register selects the number
of pole pairs of the motor (from 1 to 7 pole pairs). The UVW
signals are generated with 14-bit resolution.
During the start-up time, after power on of the chip, the UVW
signals are low.
Figure 33:
UVW Signals
Figure 33 shows the UVW signals for a magnet rotating
clockwise, as viewed from above the magnet and the
AS5147P.The (DIR=0) bit can be used to invert the sense of the
rotation direction.
U
V
W
Electrical
Angle
0°
60°
180°
240°
120°
300°
360°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com