Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5147P Datasheet(PDF) 5 Page - ams AG

Part # AS5147P
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147P Datasheet(HTML) 5 Page - ams AG

  AS5147P Datasheet HTML 1Page - ams AG AS5147P Datasheet HTML 2Page - ams AG AS5147P Datasheet HTML 3Page - ams AG AS5147P Datasheet HTML 4Page - ams AG AS5147P Datasheet HTML 5Page - ams AG AS5147P Datasheet HTML 6Page - ams AG AS5147P Datasheet HTML 7Page - ams AG AS5147P Datasheet HTML 8Page - ams AG AS5147P Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
ams Datasheet
Page 5
[v1-01] 2015-May-12
Document Feedback
AS5147P − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Electrical
Characteristics is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Note
VDD5
DC supply voltage at VDD pin
-0.3
7.0
V
VDD3
DC supply voltage at VDD3V3
pin
-0.3
5.0
V
VSS
DC supply voltage at GND pin
-0.3
0.3
V
Vin
Input pin voltage
VDD+0.3
V
Iscr
Input current
(latch-up immunity)
-100
100
mA
Norm: AEC-Q100-004
ESD
Electrostatic discharge
±2
kV
Norm: AEC-Q100-002
Pt
Total power dissipation
(all supplies and outputs)
150
mW
Ta5V0
Ambient temperature 5V0
-40
150
°C
In the 5.0V power supply mode
only
Ta3V3
Ambient temperature 3V3
-40
125
°C
In the 3.3V power supply mode
if NOISESET = 0
TaProg
Programming Temperature
5
45
°C
Programming @
Roomtemperature (25°C ± 20°C)
Tstrg
Storage temperature
-55
150
°C
Tbody
Package body temperature
260
°C
Norm: IPC/JEDEC J-STD-020
RHNC
Relative Humidity
non-condensing
585
%
MSL
Moisture sensitivity level
3
Represents a maximum floor
lifetime of 168h
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com