Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5147P Datasheet(PDF) 26 Page - ams AG

Part # AS5147P
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147P Datasheet(HTML) 26 Page - ams AG

Back Button AS5147P Datasheet HTML 22Page - ams AG AS5147P Datasheet HTML 23Page - ams AG AS5147P Datasheet HTML 24Page - ams AG AS5147P Datasheet HTML 25Page - ams AG AS5147P Datasheet HTML 26Page - ams AG AS5147P Datasheet HTML 27Page - ams AG AS5147P Datasheet HTML 28Page - ams AG AS5147P Datasheet HTML 29Page - ams AG AS5147P Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-01] 2015-May-12
AS5147P − Application Information
Burn and Verification of the OTP Memory
Step-by-step procedure to permanently program the
non-volatile memory (OTP):
Figure 36:
Minimum Programming Diagram for the AS5147P in 5V Operation
Note(s) and/or Footnote(s):
1. In terms of EMC and for remote application, additional circuits are necessary.
Application Information
CSn
CLK
MISO
MOSI
TEST
A
B
GND
VDD3V
VDD
U
V
W
VDD during programming 4.5 – 5.5V
1μF
100nF
Programmer
VDD
GND
I
5V operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com