Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC-GP21 Datasheet(PDF) 67 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 67 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 63Page - ams AG TDC-GP21 Datasheet HTML 64Page - ams AG TDC-GP21 Datasheet HTML 65Page - ams AG TDC-GP21 Datasheet HTML 66Page - ams AG TDC-GP21 Datasheet HTML 67Page - ams AG TDC-GP21 Datasheet HTML 68Page - ams AG TDC-GP21 Datasheet HTML 69Page - ams AG TDC-GP21 Datasheet HTML 70Page - ams AG TDC-GP21 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 91 page
background image
Ultrasonic-Flow-Converter
TDC-GP21
4-22
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
The four data are found in registers 0 to 3. From Res_3/RES_1 and RES_4/RES_2 the
microcontroller can calculate the ratio Rtemp/Rref. By means of a look-up table it can
calculate the temperature for the special type of sensor in use.
Configuration
Register 0, bit 15, ANZ_FAKE sets the number of dummy measurements at the beginning
of a temperature measurement. This is necessary to overcome mechanical effects of the
load capacitor.
ANZ_FAKE = 0
2 dummy measurements
ANZ_FAKE = 1
7 dummy measurements
Register 0, bit 16, T
CYCLE sets the cycle time for the temperature measurement.
TCYCLE = 0
128 µs cycle time @ 4MHz
TCYCLE = 1
512 µs cycle time @ 4MHz
Register 0, bit 17, ANZ_PORT sets the number of ports that will be used.
ANZ_PORT = 0
2 ports = 1 sensor
ANZ_PORT = 1
4 ports = 2 sensors
Register 6, bit 11, TEMP_PORTDIR sets the order of the port measurements
TEMP_PORTDIR = 0
PT1 > PT2 > PT3 > PT4
TEMP_PORTDIR = 1
PT4 > PT3 > PT2 > PT1
Register 6, bit 15, HZ60 sets the base frequency for the delay between the up and down
measurements for commands Start_TOF_Restart and Start_Temp_Restart.
HZ60
= 0
50 Hz base
HZ60
= 1
60 Hz base
Register 6, bits 18, 19, CYCLE_TEMP, selects the factor timer for triggering the second
temperature measurement in multiples of 50/60Hz.
CYCLE_TEMP = 0
1
= 1
1.5
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com