Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC-GP21 Datasheet(PDF) 21 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 21 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 17Page - ams AG TDC-GP21 Datasheet HTML 18Page - ams AG TDC-GP21 Datasheet HTML 19Page - ams AG TDC-GP21 Datasheet HTML 20Page - ams AG TDC-GP21 Datasheet HTML 21Page - ams AG TDC-GP21 Datasheet HTML 22Page - ams AG TDC-GP21 Datasheet HTML 23Page - ams AG TDC-GP21 Datasheet HTML 24Page - ams AG TDC-GP21 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
Ultrasonic-Flow-Converter
TDC-GP21
2-12
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
2.5
Package Drawings
Figure 2-7 QFN-32 package outline, 5 x 5 x 0.9 mm³, 0.5 mm lead pitch
Caution: Center pad, 3.70 * 3.70 mm², is internally connected to GND. No wires other
than GND are allowed underneath. It is not necessary to connect the center pad to GND.
Suitable socket: Plastronics 32QN50S15050D
Landing Pattern:
Figure 2-8
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com