Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC-GP21 Datasheet(PDF) 11 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 11 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 7Page - ams AG TDC-GP21 Datasheet HTML 8Page - ams AG TDC-GP21 Datasheet HTML 9Page - ams AG TDC-GP21 Datasheet HTML 10Page - ams AG TDC-GP21 Datasheet HTML 11Page - ams AG TDC-GP21 Datasheet HTML 12Page - ams AG TDC-GP21 Datasheet HTML 13Page - ams AG TDC-GP21 Datasheet HTML 14Page - ams AG TDC-GP21 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
Ultrasonic-Flow-Converter
TDC-GP21
2-2
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
DC Characteristics (Vio = Vcc = 3.0 V, Tj = -40 to +85°C)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I32
Current 32 kHz
Icc + Iio, only 32 kHz
oscillator running
1.0
µA
Ihs
Current 4 MHz oscillator
Vcc = Vio = 3.6 V
= 3.0 V
off
200
130
< 1
µA
µA
nA
Itmu
Current time measuring
unit
only during active
time measurement
4
mA
Iddq
Quiescent current
all clocks off, @ 85
°C
< 0.1
µA
Io
Operating current
TOF_UP/DOWN, 1/s
Temperature
average, PT1000,
1/30s
1.1
0.15
µA
Voh
High level output voltage
Ioh= tbd mA Vio=Min.
0.8Vio
V
Vol
Low level output voltage
Iol = tbd mA, Vio=Min
0.2Vio
V
Vih
High level input voltage
LVTTL Level, Vio =
Max.
0.7Vio
V
Vil
Low level input voltage
LVTTL Level, Vio =
Min.
0.3Vio
V
Vth
High level Schmitt trigger
voltage
0.7Vio
V
Vtl
Low level Schmitt trigger
voltage
0.3Vio
V
Vh
Schmitt trigger
hysteresis
0.28
V
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com