Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC-GP21 Datasheet(PDF) 44 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 44 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 40Page - ams AG TDC-GP21 Datasheet HTML 41Page - ams AG TDC-GP21 Datasheet HTML 42Page - ams AG TDC-GP21 Datasheet HTML 43Page - ams AG TDC-GP21 Datasheet HTML 44Page - ams AG TDC-GP21 Datasheet HTML 45Page - ams AG TDC-GP21 Datasheet HTML 46Page - ams AG TDC-GP21 Datasheet HTML 47Page - ams AG TDC-GP21 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
TDC-GP21
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
3-19
parameter CYCLE_TEMP in multiples of 50 Hz or 60 Hz. The right selection of the
delay between the two measurements suppresses 50/60 Hz noise.
CYCLE_TEMP
factor
HZ60 = 0 (50Hz)
HZ60 = 1 (60Hz)
0
1
20 ms
16.67 ms
1
1.5
30 ms
25.00 ms
2
2
40 ms
33.33 ms
3
2.5
50 ms
41.67 ms
’h03, Start_Cal_Resonator: Triggers a calibration measurement of the high speed
oscilator. The TDC measures a time interval between 61 µs and 488 µs, specified
in ANZ_PER_CALRES. The end of the measurement is indicated by the interrupt.
The result, in multiples or the high speed clock period, is stored in result register
0. Dividing this by the theoretical value gives the correction factor.
’h04, Start_Cal_TDC: This command starts a measurement of 2 periods of the
reference clock. It is used to update the calibration raw data. Typically, the chip is
configured for auto-calibration and this command is not necessary.
3.4.2
SPI Sample
Figure 3-1: Sample scope picture for sequence INIT ’h70 and Start_Cal_TDC = ’h04
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com