Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC-GP21 Datasheet(PDF) 39 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 39 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 35Page - ams AG TDC-GP21 Datasheet HTML 36Page - ams AG TDC-GP21 Datasheet HTML 37Page - ams AG TDC-GP21 Datasheet HTML 38Page - ams AG TDC-GP21 Datasheet HTML 39Page - ams AG TDC-GP21 Datasheet HTML 40Page - ams AG TDC-GP21 Datasheet HTML 41Page - ams AG TDC-GP21 Datasheet HTML 42Page - ams AG TDC-GP21 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
Ultrasonic-Flow-Converter
TDC-GP21
3-14
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
d. Temperature measurement
Discharge time in the same format as in c., measurement mode 2.
The ratio of the discharge times equal the ratio of resistance:
RT = Rref * T/ref
3.2.2
Status Register
Table 3-3: Status registers
Bits
Name
Description
Values
2 – 0 ALU_OP_PTR
ALU operation pointer. Pointer to the result register.
See description below
5 – 3 # of hits Ch 1
Number of hits registered on channel 1
8 – 6 # of hits Ch 2
Number of hits registered on channel 2
9
Timeout TDC
Indicates an overflow of the TDC unit
1 = overflow
10
Timeout Precounter
Indicates an overflow of the 14 bit precounter in MR 2
1 = overflow
11
Error open
Indicates an open sensor at temperature
measurement
1 = open
12
Error short
Indicates a shorted sensor at temperature
measurement
1 = short
13
EEPROM_Error
Single error in EEPROM which has been corrected
1 = error
14
EEPROM_DED
Double error detection. A multiple error has been
detected which can not be corrected.
1 = multiple
error
15
EEPROM_eq_CREG
Indicates whether the content of the configuration
registers equals the EEPROM
1 = equal
ALU Operation Pointer
Description: The ALU operation pointer is stored in bits 0-2 of the status register (range
of 0x00 to 0x03) and provides an index to one of the 4 results registers (RES_0 to RES_3)
as follows:
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com