Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC-GP21 Datasheet(PDF) 74 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 74 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 70Page - ams AG TDC-GP21 Datasheet HTML 71Page - ams AG TDC-GP21 Datasheet HTML 72Page - ams AG TDC-GP21 Datasheet HTML 73Page - ams AG TDC-GP21 Datasheet HTML 74Page - ams AG TDC-GP21 Datasheet HTML 75Page - ams AG TDC-GP21 Datasheet HTML 76Page - ams AG TDC-GP21 Datasheet HTML 77Page - ams AG TDC-GP21 Datasheet HTML 78Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 91 page
background image
TDC-GP21
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
5-3
The low-power clock can be internally forwarded to an output pin to be available for an
external microprocessor. The possible settings are:
SEL_TSTO1 = 7:
32 kHz output at pin FIRE_IN
SEL_TSTO2 = 7:
4 kHz (32 kHz/8) output at pin EN_START
It is also possible to provide an external
low-frequency rectangular clock at the
CLK32Out pin (3.6 V max.).
External
32kHz
Figure 5.3
5.1.3
Calibrating a Ceramic High-speed Oscillator
Using a ceramic oscillator for the 2 to 8 MHz clock will be attractive because it is of low
cost and has a fast settling time. Unfortunately it has a poor tolera nce of 0.3 to 0.5 %
and shows a temperature drift. For this reason the TDC-GP21 allows to execute a
calibration measurement that allows to compensate this behavior. This measurement is
based on the very precise 32.768 kHz clock. The TDC-GP21 generates start/stop pulses
from the 32.768 kHz and measures this time interval with its TDC unit. The result is
stored in the result register and the interrupt flag is set. The frequency error of the
ceramic resonator can be calculated by the microprocessor. The calibration is configured
by setting register 0, ANZ_PER_CALRES and is started with “START_Cal_Resonator“ -
instruction by the microprocessor.
The time interval to be measured is set by ANZ_PER_CALRES which defines the number of
periods of the 32.768 kHz clock:
ANZ_PER_CALRES
= 0
2 periods =
61.035 µs
= 1
4 periods = 122.070 µs
= 2
8 periods = 244.140 µs
= 3
16 periods = 488.281µs
The results is given in multiples of the high-speed clock and (divided by 1, 2 or 4
(DIV_CLKHS)) as 32 bit fixed point numbers with 16 integer bits and 16 fractional bits.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com