Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2M803 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2M803
Description  SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2M803 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2M803 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
MATERIALS AND FINISHES
Shell
Aluminum alloy 6061 T6, stainless steel passivated, 200C
Insert
Polyphenylene sulfide (PPS)
Contact Retention Clip
Beryllium copper, heat-treated, unplated
Contacts
50u” gold-plated copper alloy
Socket Contact Hood
Passivated stainless steel
Grommet & Seals
Fluorosilicone rubber
Adhesives
Epoxy film
Potting Compound for
PCB & Solder Versions
High-strength epoxy
ELECTRICAL DATA
Contact Sizes
23, 20, 20HD, 16, & 12 AWG
Operating Voltage & Test Voltage (Mated Condition)
CONTACT SIZE
23
20
20HD
16
12
Sea Level VAC
500
1800
750
1800
1800
40,000 Feet VAC
100
325
150
1000
1000
Current Rating (Max)
CONTACT SIZE
AMPERES
23
5
20
7.5
16
13
12
23
Contact Resistance
CONTACT SIZE
MILLIVOLT DROP
23
73 @ 5A test current
20
55 @ 7.5A test current
16
49 @ 13A test current
12
42 @ 23A test current
Insulation Resistance
5,000 megaohms minimum
MECHANICAL
Operating Temperature
-67 F to +302 F (-55C to +150 C) aluminium
-67 F to +392 F (-55C to +200 C) stainless steel
Sealing
1 meter for 1 hour (2M803 splashproof)
TECHNICAL
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com