Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2M803 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # 2M803
Description  SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2M803 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button 2M803 Datasheet HTML 21Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 22Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 23Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 24Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 25Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 26Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 27Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 28Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
320
2M803 ACCESSORIES
2 HOLE FLANGED GASKETS
SHELL
SIZE
PART NUMBER
A BSC.
B DIA.
C TYP.
D DIA.
FLUOROSILICONE
VITON®
CONDUCTIVE
IN.
MM.
IN.
MM.
IN.
MM.
IN.
MM.
5
2M809-108F31
2M809-108V31
2M809-108X31
0.513
13.03
0.345
8.00
0.710
18.03
0.460
11.68
6
2M809-108F32
2M809-108V32
2M809-108X32
0.598
15.19
0.405
10.29
0.795
20.19
0.522
13.26
7
2M809-108F33
2M809-108V33
2M809-108X33
0.708
17.98
0.475
12.07
0.900
22.86
0.590
14.99
8
2M809-108F34
2M809-108V34
2M809-108X34
0.964
24.51
0.545
13.84
1.160
29.46
0.670
17.02
9
2M809-108F35
2M809-108V35
2M809-108X35
1.017
25.83
0.605
15.37
1.215
30.86
0.721
18.31
10
2M809-108F36
2M809-108V36
2M809-108X36
1.101
27.97
0.682
17.32
1.295
32.89
0.795
20.19
12
2M809-108F37
2M809-108V37
2M809-108X37
1.204
30.58
0.757
19.23
1.400
35.56
0.874
22.20
14
2M809-108F38
2M809-108V38
2M809-108X38
1.280
32.51
0.910
23.11
1.555
39.50
1.050
26.67
17
2M809-108F19
2M809-108V19
2M809-108X19
1.060
26.92
1.092
27.74
1.280
32.51
0.125
3.18
21
2M809-108F43
2M809-108V43
2M809-108X43
1.322
33.58
1.332
33.83
1.570
39.88
0.125
3.18
SHRINK BOOTS FOR INTEGRAL ENDBELL
STRAIGHT BOOT
CABLE RANGE
RIGHT ANGLE BOOT
CABLE RANGE
BOOT
SIZE
SHELL
SIZE
HIGH-PERFORMANCE
ELASTOMER
ZERO-HALOGEN
MAX.
MIN.
MAX.
MIN.
STRAIGHT
RIGHT
ANGLE
STRAIGHT
RIGHT ANGLE
IN.
MM.
IN.
MM.
IN.
MM.
IN.
MM.
1
5
2M809S060-1 2M809A060-1 2M809S060-1H 2M809A060-1H * 0.350
9.0
0.080
2.0
0.240
6.0
0.080
2.0
2
6, 7
2M809S060-2 2M809A060-2 2M809S060-2H 2M809A060-2H 0.650 16.5 0.150
3.8
0.650 16.5 0.100
2.5
3
8, 9
2M809S060-3 2M809A060-3 2M809S060-3H 2M809A060-3H 0.920 23.4 0.220
5.6
0.920 23.3 0.220
5.6
4
10, 12
2M809S060-4 2M809A060-4 2M809S060-4H 2M809A060-4H 1.120 28.4 0.260
6.6
1.120 28.5 0.250
6.3
5
14
2M809S060-5 2M809A060-5 2M809S060-5H 2M809A060-5H 1.220 31.0 0.280
7.1
1.220 30.9 0.280
7.1
High-Performance Elastomer
Pre-Coated with high-tempature adhesive
• Operating temperature -94 F to +302 F (-70 C to +150 C)
• Rated for 3000 hours of continous operation at +302 F (+150 C)
• Excellent resistance to fuels, oils, and solvents
• Spec VG95343 Part 6
Zero-Halogen
Low-Smoke, Zero-Halogen Toxicity Requirements
• Meets U.S. and E.U. standards
• Pre-coated with high-tempature adhesive
• Operating temperature -22 F to +257 F (-30 C to +125 C)
• Good resistance to fuels, oils, and solvents
• Spec NAVSEA 5617649
A MIN.
D
G
F
H
E
B
C
* Size 1 zero-halogen right-angle supplied less lip, see graphic
B
C
E
G
H
D
C MAX
A BSC
D REF
.115 DIA. TYP
B DIA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com